Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FPF1007 Datasheet HTML 2Page - ON Semiconductor FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor FPF1007 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.onsemi.com
6
Typical Characteristics
0
2
4
6
8
10
12
14
123456
SUPPLY VOLTAGE (V)
VON = VIN
VON = 0V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
VON = 0V
0
2
4
6
8
10
12
14
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
VON = VIN
0.50
0.55
0.60
0.65
0.70
0.75
0.80
1
2345
6
VIN, SUPPLY VOLTAGE (V)
VONH(VIH)
VONL(VIL)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN=1.2V
VIN=3.3V
VIN=5.5V
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 4. VON Voltage vs. Input Voltage
Figure 5. VON Low Voltage vs. Temperature
Figure 6. VON High Voltage vs. Temperature
Figure 3. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com