Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor FPF1007 Datasheet HTML 10Page - ON Semiconductor FPF1007 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.onsemi.com
8
Typical Characteristics
Figure 13. FPF1008 tRISE / tFALL vs. Temperature
Figure 14. FPF1009 tRISE / tFALL vs. Temperature
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TFALL
TRISE
FPF1008
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
1
10
100
1000
10000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TFALL
TRISE
FPF1009
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
VON
2 V/div
VIN
2 V/div
IOUT
10 mA/div
VOUT
2 V/div
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 0.1 µF
RL = 499 Ω
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 0.1 µF
RL = 499 Ω
50µs/div
VON
2 V/div
VIN
2 V/div
IOUT
50 mA/div
VOUT
2 V/div
50µs/div
Figure 15. FPF1007 Turn-On Response
Figure 16. FPF1007 Turn-Off Response
Load current discharged through on-chip output discharge resistor
Figure 17. FPF1007 Turn-On Response (COUT = 1 µF)
Figure 18. FPF1007 Turn-Off Response
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 1 µF
RL = 10 Ω
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 1 µF
RL = 10 Ω
VON
2V/div
VIN
2V/div
IOUT
200mA/div
VOUT
2V/div
50µs/div
VON
2V/div
VOUT
2V/div
50µs/div
VIN
2V/div
IOUT
200mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com