Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 3 Page - ON Semiconductor

  FPF1007 Datasheet HTML 1Page - ON Semiconductor FPF1007 Datasheet HTML 2Page - ON Semiconductor FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.onsemi.com
3
Pin Configuration
Pin Description
Pin
Name
Function
4, 5
VOUT
Switch Output: Output of the power switch
2, 3
VIN
Supply Input: Input to the power switch and the supply voltage for the IC
6
GND
Ground
1
ON
ON/OFF Control Input
VOUT
VOUT
ON
MicroFET 2x2 6L
BOTTOM VIEW
1
2
3
6
5
4
VIN
VIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com