Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor FPF1007 Datasheet HTML 10Page - ON Semiconductor FPF1007 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.onsemi.com
10
Typical Characteristics
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 47 µF
RL = 10 Ω
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 47 µF
RL = 10 Ω
VON = 3.3 V
VIN = 5 V
CIN = 1 µF
COUT = 100 µF
RL = 10 Ω
VON = 3.3 V
VIN = 3.3 V
CIN = 1 µF
COUT = 0.47 µF
RL = 499 Ω
Figure 27. FPF1009 Turn-Off Response
Figure 28. FPF1009 Turn-On Response
(COUT = 100 µF, VIN = 5 V)
Timing Diagram
where:
tON = Turn-On Time
tOFF = Turn-Off Time
tdon = Turn-On Delay Time
tdoff = Turn-Off Delay Time
tR
=Rise Time
tF
=VOUT Fall Time
tON =tR + tdon
tOFF =tF + tdoff
Figure 25. FPF1009 Turn-Off Response
Load current discharged through on-chip output discharge resistor
Figure 26. FPF1009 Turn-On Response (COUT = 47 µF)
VON
2 V/div
VIN
2 V/div
IOUT
50 mA/div
VOUT
2 V/div
500µs/div
VON
2 V/div
VIN
2 V/div
IOUT
500 mA/
VOUT
2 V/div
2 ms/div
VON
2 V/div
VIN
2 V/div
IOUT
500 mA/div
VOUT
2 V/div
2 ms/div
VON
2V/div
VIN
2V/div
IOUT
500mA/div
VOUT
2V/div
2 ms/div
tR
10%
90%
tF
10%
90%
VOUT
50%
tF
50%
VON
tdon
10%
tdoff
90%
VOUT
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com