Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TMPA401DM Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
2
TOP VIEW
(Please email david@taimec.com.tw for complete datasheet.)
Tai-1 Microelectronics reserves the right to make corrections, modifications, enhancements, improvements, and other
changes to its products and services at any time and to discontinue any product or service without notice. Customers are
responsible for their products and applications using Tai-1 Microelectronics components.
Note that the external components or PCB layout should be designed not to generate abnormal
voltages to the chip to prevent from latch up which may cause damage to the device.
Typical Application
S1
switch
C1 1uF
C4
1uF
C15
1uF
C9
0.1uF
VCC
C7
0.1uF
C8
0.1uF
INP
C6
0.1uF
D1
DIODE
D2
DIODE
R4 200k
1
16
2
15
3
14
4
13
5
12
6
11
7
17
8
18
VCC
SD
HFVDD
INN
AGND
INP
HFRC
AVDD
PGND
PGND
OUTN
OUTN
PVCC
PVCC
AGND
VDD
9
10
19
20
OUTP
OUTP
PVCC
PVCC
J2
401DM20
C2 1uF
INN
C3
1uF
R5 22k
R6 22k
R2
12k
J1
PHONEJACK STEREO
C5
1nF
R3
12k
R1
330Ω
L3
33uH
C13
1uF
L4
33uH
C14
1uF
C16
10uF
C10
10uF
VI+
VI-
PVCC
VOP
VON
R7
100
R8
0
(to 8ohm speaker)
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com