Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMPA401DM Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
3
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO
I/O
DESCRIPTION
AGND
5,10
-
Analog ground
AVDD
8
I
5-V analog power supply
HFRC
7
I
De-pop control
HFVDD
6
O
2.5-V Reference for convenience of single-ended input
INN
4
I
Negative differential input
INP
3
I
Positive differential input
OUTN
13,14
O
Negative output
OUTP
17,18
O
Positive output
PGND
15,16
-
Power ground
PVCC
11,12,19,20
-
Power supply for output MOS (8V to 15V)
VCC
1
-
High-voltage power supply (8V to 15V)
VDD
9
O
5-V Reference output(25-mA )
SD
2
I
Shutdown (Low valid)
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted(1)
In normal mode
-0.3V to 18V
V
Supply voltage, PVcc, Vcc
In shutdown mode
-0.3V to 18V
V
Input voltage, SD
-0.3V to Vcc+0.3V
V
Continuous total power dissipation
See package dissipation ratings
Operating free-air temperature, TA
-20 to 85
。C
Operating junction temperature, TJ
-20 to 150
。C
Storage temperature, Tstg
-40 to 150
。C
(1) Stresses beyond those listed under
”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
“is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, VCC
8
15
V
High-level input voltage, VIH
SD
2.0
V
Low-level input voltage, VIL
SD
0.8
V
Operating free-air temperature, TA
-20
85
。C
PACKAGE DISSIPATION RATINGS
PACKGE
DERATING
FACTOR
TA
≤ 25。C
POWER RATING
TA = 70。C
POWER RATING
TA = 85。C
POWER RATING
TSSOP20(FD)
30 mW/。C
3.75W
2.4W
1.95W
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com