Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TMPA401DM Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
6
DETAILED DESCRIPTION
Efficiency
The output transistors of a class D amplifier act as switches. The power loss is mainly due to
the turn on resistance of the output transistors when driving current to the load. As the turn on
resistance is so small that the power loss is small and the power efficiency is high. With 8 ohm
load the power efficiency can be better than 82%.
PCB layout for power dissipation
No heat sink is necessary for power dissipation. However the PCB layout should be well
designed to dissipate heat for high output power. With 80% power efficiency the generated
heat when driving 15 watts to the 8 ohm load is about 3.75 watts. The heat can be carried out
through the thermal pad of the device to the PCB. To ensure proper dissipation of heat the
PCB has to have heat path from the bottom of the device which is soldered to the PCB. The
area of the metal on the PCB for heat dissipation should be big enough. It is suggested that
both sides of the PCB are used for power dissipation.
Shutdown
The shutdown mode reduces power consumption. A LOW at shutdown pin forces the device in
shutdown mode and a HIGH forces the device in normal operating mode. Shutdown mode is
useful for power saving when not in use. This function is useful when other devices like
earphone amplifier on the same PCB are used but class D amplifier is not necessary.
Pop-less
A soft start capacitor can be added to the HFRC pin. This capacitor introduces delay for the
internal circuit to be stable before driving the load. The pop or click noise when power up/down
or switching in between shutdown mode can be thus eliminated. The delay time is proportional
to the value of the capacitance. It is about 300ms for a capacitor of 1uF.
Differential input VS single ended input
Differential input offers better noise immunity over single ended input. A differential input
amplifier suppresses common noise and amplifies the difference voltage at the inputs.
For
single ended applications just tie the negative input end of the balanced input structure to
ground. If external input resistors are used, the negative input has to be grounded with a
series resistor of the same value as the positive input to reduce common noise.
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com