Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMPA401DM Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
1
15-W MONO CLASS-D AUDIO POWER AMPLIFIER
GENERAL DESCRIPTION
The TMPA401DM is a bridged-tied (BTL) Class-D audio
amplifier for driving speakers with high power efficiency. It
can drive 4
Ω, 6Ω, 8Ω or 16Ω speakers. The output power
can be up to 15W. No external heat-sink is necessary.
The gain of the amplifier is defined by input resistance. The
internally fully differential input structure provides good
common mode rejection and power supply rejection.
Thermal
protection
and
short-circuit
protection
are
integrated for safety purpose.
The internal de-pop circuitry eliminates pop noise at
power-up & shutdown operations.
APPLICATIONS
LCD Monitors, TVs, DVD Players and Powered Speakers
FEATURES
♦15-W Class-D Output
♦Power efficiency is up to 82%
♦Time delay for de-pop control
♦Thermal Protection
♦Output Pin Short-Circuit Protection (Short to
Other Outputs, Short to VCC, Short to Ground)
♦Differential / Single-Ended Input
♦Low Supply Current (5mA Typical at 12V)
♦Low Current in Shutdown Mode (<1µA Typical)
♦Separate VCC & PVCC
PACKAGE
TSSOP20 available
For best performance, please refer to
http://www.taimec.com.tw/data/Tmpa401EVM/tmpa401dmEVM.pdf
for PCB layout.
REFERENCE CIRCUIT
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - TMPA401DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
TAI-TECH Advanced Elect...
TMPA404010S-100MN-R32 TAI-TECH-TMPA404010S-100MN-R32 Datasheet
185Kb / 2P
SMD Power Inductor
More results

Similar Description - TMPA401DM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
233Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com