Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 10Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 11Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
10
0.1
μ F
0.1
μ F
Vo+
Vo-
33μH
33μH
0.47
μ F
LC Output Filter(4), Speaker Impedance= 6
Ω & 8Ω
100pF
100pF
Vo+
Vo-
Ferrite
Chip Bead
Ferrite
Chip Bead
Typical Ferrite Chip Bead Filter
(Chip bead example:遠越科技 KML2012Q102N
1kohms@100MHz, DCR=0.2ohms, I=1A)
Over temperature protection
A temperature sensor is built in the device to detect the temperature inside the device.
When
a high temperature around 145oC and above is detected the switching output signals are
disabled to protect the device from over temperature. Automatic recovery circuit enables the
device to come back to normal operation when the internal temperature of the device is below
around 120oC.
Over current protection
A current detection circuit is built in the device to detect the switching current of the output
stages of the device. It disables the device when the current is beyond about 3.5amps. It
protects the device when there is an accident short between outputs or between output and
power/gnd pins It also protects the device when an abnormal low impedance is tied to the
output. High current beyond the specification may potentially causes electron migration and
permanently damage the device. Shutdown or power down is necessary to resolve the
protection situation. There is no automatic recovery from over current protection.
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com