Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TMPA401DM Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 10Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
7
Voltage gain
The voltage gain can be set through input resistance connecting to input pins. Lower input
resistance can be used for higher gain. The voltage gain is defined by (800k ohms)/(Ri+20k
ohms) at Vcc=15V without loading, where 20k ohms is internal resistance and Ri is external
series resistance of the input pin. If Ri is not used (Ri=0 ohm) the voltage gain is (800k
ohms)/(20k ohms) or 32dB. Insert Ri if lower gain is preferable. For example if Ri=30k ohms
then voltage is (800k ohms)/(30k+20k ohms) or 24dB. For best result the input resistors should
be well matched. Matched resistors are also required even for single ended input configuration
for low noise.
Input filter
AC coupling capacitors are required to block the DC voltage from the device. They also define
the
–3db frequency at the low frequency side.
The
–3db frequency of the low frequency side is
f-3db = 1/ (2πR C)
where C is the AC coupling capacitance and R is the total resistance in series with C.
Note that R=Zin(internal resistance) + Rext(external resistance)
Also note that the internal input resistance of INN/INP is 20K ohms.
In the following diagram Rext=22k ohms, Zin=20k ohms and C=C1=0.47uF. Thus the
–3db
frequency at the low frequency side is about 8Hz.
C1
0.47uF
R
22k
C1
0.47uF
Zin
20k
R
22k
Zin
20k
Class-Damplifier
inp
inn
C2
0.47nF
A bypass capacitor placed in between the positive signal path and negative signal path is to
attenuate the high frequencies. It defines the
–3bd frequency at the high frequency side. The
input filter becomes a band pass filter.
The
–3db frequency of the high frequency side is
f
–3db=1/(2πRC)
where C is the bypass capacitance and R is the total resistance in parallel with C.
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com