Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA401DM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TMPA401DM
Description  15-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMPA401DM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TMPA401DM Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 9Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 10Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 11Page - List of Unclassifed Manufacturers TMPA401DM Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Tai-1 Microelectronics
TMPA401DM
www.taimec.com.tw
May 25, 2005
Copyright
©2004,Tai-1 Microelectronics Corp.
8
In this example Rext=22k ohms, Zin=20k ohms and C=C2=0.47nF. Thus the
–3db frequency
at the high frequency side is about 16kHz.
Input filter
Since the input pins of the device have high impedance it is suggested that an input filter is
incorporated as shown in the diagram. The AC coupling capacitors are used to block the DC
voltage from the device. They also define the
–3db frequency at the low frequency side. A
bypass capacitor placed in between the positive signal path and negative signal path is to
attenuate the high frequencies. It defines the
–3db frequency at the high frequency side. The
input filter becomes a band pass filter.
The
–3db frequency of the low frequency side is
f-3db = 1/ 2πR C
where C is the AC coupling capacitance(1uF) and R is the total resistance in series with C.
The
–3db frequency of the high frequency side is
f-3db = 1/ 2πR C
where C is the bypass capacitance(1nF) and R is the total resistance in parallel with C.
Note that there is 20K input resistor integrated in the chip for each input INP/INN.
Output filter
Ferrite bead filter can be used for EMI purpose. The ferrite filter reduces EMI around 1 MHz
and higher(FCC and CE only test radiated emissions greater than 30 MHz). When selecting a
ferrite bead, choose one with high impedance at high frequencies, but low impedance at low
frequencies.
Use an LC output filter if there are low frequency(<1 MHz)EMI sensitive circuits and/or there
are long wires from the amplifier to the speaker. EMI is also affected by PCB layout and the
placement of the surrounding components.
The suggested LC values for different speaker impendence are showed in following figures for
reference.
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com