Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 29 of 32
–VS
+VS
–VS
+VS
U1
AD8260
29
30
31
32
28
25
26
27
VOCM
VNEG
VPSB
VGAN
VGAP
ENBL
VNCM
VMDO
TXEN
VMDI
8
7
6
5
1
4
3
2
FDBK
VMDO
PRAI
TXOP
VPOS
VPSR
VPOS
TXOP
20
17
18
19
21
22
23
24
14
13
912
11
10
15
16
VNGR
VNGR
GND4
GND3
GND2
TXOP
R9
0Ω
R7
0Ω
R21
0Ω
L7
120nH
FB
–VS
R14
DNI
GND6
GND5
GND
C19
0.1µF
C18
0.1µF
C8
0.1µF
C17
0.1µF
C1
0.1µF
C2
0.1µF
C9
0.1µF
INRP
INRN
R12
49.9Ω
R13
49.9Ω
INR
INP
GND1
C3
10µF
C4
10µF
+
+
VMDO
C14
0.1µF
R20
0Ω
L4
120nH
FB
C20
0.1µF
–VS
R3
DNI
+VS
L6
120nH
FB
L5
120nH
FB
C6
0.1µF
C7
0.1µF
C5
0.1µF
R6
100Ω
R5
100Ω
PRAI
R10
49.9Ω
R11
453Ω
C11
0.1µF
C12
0.1µF
C21
0.1µF
VPRE_IN
VPRE_OUT
PRAO
GNS0
GNS1
GNS2
GNS3
H
L
R19
0Ω
C22
0.1µF
C16
0.1µF
+VS
L3
120nH
FB
L2
120nH
FB
–VS
R4
DNI
DIS
VMDI
L1
120nH
FB
EN
TXEN
VPSB
TX_EN
C15
0.1µF
C13
0.1µF
VPSB
VPS
DIS
EN
ENABLE
VGAN
VGAP
R2
453Ω
R1
453Ω
VGA _ OUT
ENBL
C23
0.1µF
C10
0.1µF
R16
DNI
R17
DNI
R15
DNI
R18
DNI
TXOP_1
Figure 70. AD8260 Evaluation Board—Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com