Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VS (supply voltage) = 3.3 V, TA = 25°C, CL = 5 pF, f = 10 MHz, preamplifier gain = 2×, RFB1 and RFB2 of the preamplifier = 100 Ω,
RLOAD of the driver amplifier = 500 Ω, TX and RX enabled, unless otherwise specified.
5
1
0
2
3
4
FREQUENCY (Hz)
200M
100M
10M
1M
100k
T = –40°C
VOUT = 200mV p-p
T = +105°C
T= +25°C
Figure 3. Small-Signal Frequency Response at Three Temperatures of the
High Current Driver—See Figure 51
5
1
0
2
3
4
FREQUENCY (Hz)
200M
100M
10M
1M
100k
VS = +5V
VOUT = 200mV p-p
VS = +3.3V
VS = ±5V
Figure 4. Small-Signal Frequency Response of the High Current Driver for
Three Supply Voltages—See Figure 51
5
1
0
2
3
4
FREQUENCY (Hz)
200M
100M
10M
1M
100k
VLOAD = 1V p-p; RLOAD =50Ω
VLOAD = 1V p-p; RLOAD =500Ω
VLOAD = 2V p-p; RLOAD =50Ω
VLOAD = 2V p-p; RLOAD =500Ω
Figure 5. Large-Signal Frequency Response of the High Current Driver for Two
Values of Output Voltage and Two Values of Load Resistance—See Figure 51
20
0
5
10
15
FREQUENCY (Hz)
50M
10M
1M
100k
RTO
RTI
Figure 6. Input-Referred and Output-Referred Noise of the High Current
Driver—See Figure 52
10
FREQUENCY (Hz)
100M
10M
1M
100k
100
0.1
1
Figure 7. Output Impedance of the High Current Driver
See Figure 53
–100
LOAD RESISTANCE (Ω)
1k
100
10
–40
–20
–60
–80
–90
HD3
HD2
–70
–50
–30
2V p-p
1V p-p
Figure 8. Harmonic Distortion (HD2, HD3) vs. Load Resistance for the High
Current Driver—See Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com