Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8260ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
High Current Driver Amplifier and
Digital VGA/Preamplifier with 3 dB Steps
Data Sheet
AD8260
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High current driver
Differential input—direct drive from DAC
Preset gain: 1.5×
−3 dB bandwidth: 195 MHz
Large output drive: >±300 mA
VGA/preamplifier
Low noise
Voltage noise: 2.4 nV/√Hz
Current noise: 5 pA/√Hz
−3 dB bandwidth: 230 MHz
Gain range: 30 dB in 3 dB steps
−6 dB to +24 dB (for preamplifier gain of 6 dB)
Single-ended preamplifier input and differential VGA
output
Supplies: 3.3 V to 10 V (with VMID enabled)
±3.3 V to ±5 V (with VMID disabled)
Power: 93 mW with 3.3 V supplies
Power-down for VGA, driver amplifier, and system
APPLICATIONS
Digital AGC systems
Tx/Rx signal processing
Power line transceivers
FUNCTIONAL BLOCK DIAGRAM
32
2
3
6
31
30
1.5kΩ
1kΩ
29
28
27
26
25
1kΩ 1.5kΩ
GM
HIGH CURRENT DRIVER
9
24
23
22
21
VMID
4
1
AD8260
VMDO
TXEN
VMDI
VNCM
VPSB
ENBL
VGAP
VGAN
VNGR VPSR GNS3 GNS2 GNS1 GNS0 PRAO VNGR
VOCM INPP INRP INRN INPN TXFB VNEG
VNEG
TXOP
TXOP
VPOS
VPOS
VPSR
VMDO
PRAI
FDBK
5
7
8
10
11
12
13
14
16
15
17
18
19
20
BIAS
VGA/PREAMPLIFIER
ATTENUATOR
GM STAGES
LOGIC
×1
+–
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD8260 includes a high current driver, usable as a
transmitter, and a low noise digitally programmable variable
gain amplifier (DGA), useable as a receiver.
The receiver section consists of a single-ended input preampli-
fier, and linear-in-dB, differential-output DGA. The receiver has
a small signal –3 dB bandwidth of 230 MHz; the driver small
signal bandwidth is 195 MHz. The driver delivers ±300 mA,
well suited for driving low impedance loads, even when
connected to a 3.3 V supply.
The AD8260 DGA is ideal for trim applications and has a gain
span of 30 dB, in 3 dB steps. Excellent bandwidth uniformity is
maintained across the entire frequency range. The low output-
referred noise of the DGA is advantageous in driving high
speed ADCs. The differential output facilitates the interface to
modern low voltage high speed ADCs.
Single-supply and dual-supply operation makes the part versatile
and enables gain control of negative-going pulses, such as those
generated by photodiodes or photo-multiplier tubes, as well as
processing band-pass signals on a single supply. For maximum
dynamic range, it is essential that the part be ac-coupled when
operating on a single supply.
The AD8260 preamplifier (PrA) is configured with external
resistors for gains greater than 6 dB and can be inverting or
noninverting. The DGA is characterized with a noninverting
preamplifier gain of 2×. The attenuator has a range of 30 dB and
the output amplifier has a gain of 8× (18.06 dB). The lowest
noninverting gain range is −6 dB to +24 dB and shifts up with
increased preamplifier gain. The gain is controlled via a parallel
port (Pin GNS0 to Pin GNS3) with 10 gain steps of 3 dB per
code. The preamplifier and DGA are disabled for any code that
is not assigned a gain step.
The AD8260 can operate with single or dual supplies from 3.3 V
to ±5 V. An internal buffer normally provides a split supply
reference for single-supply operation; an external reference can
also be used when the VMID buffer is shut down.
The operating temperature range is −40°C to +105°C. The
AD8260 is available in a 5 mm × 5 mm, 32-lead LFCSP.


Similar Part No. - AD8260ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8260ACPZ-R7 AD-AD8260ACPZ-R7 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
More results

Similar Description - AD8260ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
Analog Devices
AD8332 AD-AD8332 Datasheet
606Kb / 28P
Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
logo
National Semiconductor ...
LH2440 NSC-LH2440 Datasheet
367Kb / 5P
CRT PREAMPLIFIER AND DRIVER
logo
Intersil Corporation
CA3075 INTERSIL-CA3075 Datasheet
112Kb / 4P
FM IF Amplifier-Limiter, Detector, and Audio Preamplifier
logo
Analog Devices
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
PREAMPLIFIER AND SPEAKER DRIVER USING TS925
Jun-2000
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
TX Digital VGA
F1455 IDT-F1455 Datasheet
2Mb / 27P
TX Digital VGA
logo
Diodes Incorporated
AL9910AEV2 DIODES-AL9910AEV2 Datasheet
431Kb / 6P
High Current and High Voltage LED Driver
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com