Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 13 of 32
10
100
FREQUENCY (Hz)
10M
100k
1M
50M
GAIN CODE = 1011
Figure 33. Output-Referred Noise vs. Frequency for the VGA/Preamplifier at
Maximum Gain—See Figure 61
1
100
10
GAIN SELECT CODE
1010
1001
1000
0111
0110
0101
0001
0100
0011
0010
1011
Figure 34. Input-Referred Noise vs. Gain Select Code for the VGA/Preamplifier
See Figure 61
1
10
FREQUENCY (Hz)
10M
100k
1M
50M
GAIN CODE = 1011
Figure 35. Short-Circuit Input Noise vs. Frequency for the VGA/Preamplifier
See Figure 61
50
LOAD RESISTANCE (Ω)
1800
1600
1400
1200
200
1000
800
400
0
2000
30
40
60
80
70
600
HD2
HD3
VOUT = 1V p-p
GAIN CODE = 0110
Figure 36. Harmonic Distortion (HD2, HD3) vs. Load Resistance for the
VGA/Preamplifier—See Figure 62
LOAD CAPACITANCE (pF)
–70
–60
–50
–40
–30
–80
10
40
030
20
50
VOUT = 1V p-p
GAIN CODE = 0110
HD2
HD3
Figure 37. Harmonic Distortion (HD2, HD3) vs. Load Capacitance for the
VGA/Preamplifier—See Figure 62
–120
GAIN SELECT CODE
1010
1001
1000
0111
0110
0101
1011
–20
–40
–60
–80
–100
0
MEASUREMENT OF
DISTORTION IS
LIMITED BY THE
MAXIMUM DYNAMIC
INPUT RANGE OF
THE PREAMPLIFIER
HD2,
fC = 1MHz
VOUT = 1V p-p
HD3,
fC = 1MHz
HD2,
fC = 10MHz
HD3,
fC = 10MHz
Figure 38. Harmonic Distortion (HD2, HD3) vs. Gain Select Code at 1 MHz
and 10 MHz for the VGA/Preamplifier—See Figure 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com