Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8260ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output Third-Order Intercept, RLOAD = 50 Ω
VOUT = 1 V p-p, f = 10 MHz
33
dBm
VOUT = 2 V p-p, f = 10 MHz
40
dBm
VOUT = 1 V p-p, f = 45 MHz
23
dBm
VOUT = 2 V p-p, f = 45 MHz
28
dBm
PREAMPLFIER AND VGA—GENERAL PARAMETERS
−3 dB Small Signal Bandwidth
VOUT = 10 mV p-p, gain code = 0110
230
MHz
−3 dB Large Signal Bandwidth
VOUT = 1 V p-p, gain code = 0110
165
MHz
VOUT = 2 V p-p, gain code = 0110
135
MHz
Slew Rate
VOUT = 1 V p-p, gain code = 0110
330
V/µs
VOUT = 1.6 V p-p, gain code = 0110
335
V/µs
Input Voltage Noise
f = 10 MHz (shorted input)
2.4
nV/√Hz
f = 10 MHz (input open)
6.2
nV/√Hz
Noise Figure
Maximum gain (gain code = 1011), RS = 50 Ω,
unterminated
10.2
dB
Maximum gain (gain code = 1011), RS = 50 Ω,
shunt terminated with 50 Ω
15.5
dB
Output-Referred Noise
Maximum gain (gain code = 1011), gain = 24 dB (input
short)
38
nV/√Hz
Maximum gain (gain code = 1011), gain = 24 dB (input
open)
98.1
nV/√Hz
Minimum gain (gain code = 0001), gain = −6 dB
25
nV/√Hz
Output Impedance
DC to 10 MHz
≤3
Output Signal Range (per Pin)
RLOAD ≥ 500 Ω
VMDO ± 0.7
V
VS = +5 V
VMDO ± 1.4
V
VS = ±5 V
±3.6
V
Input Signal Range
Preamplifier input
VMDO ± 0.3
V
Output Offset Voltage
Maximum gain (gain code = 1011), gain = 24 dB, 3 σ
limits
−50
±20
+50
mV
PREAMPLIFIER AND VGA—DYNAMIC PERFORMANCE
Harmonic Distortion
Gain code = 0110, gain = 9 dB, VOUT = 1 V p-p
HD2
f = 1 MHz
−90
dBc
HD3
−87
dBc
HD2
f = 10 MHz
−75
dBc
HD3
−58
dBc
Harmonic Distortion
Gain code = 1011, gain = 24 dB, VOUT = 2 V p-p
HD2
f = 1 MHz
−94
dBc
HD3
−90
dBc
HD2
f = 10 MHz
−61
dBc
HD3
−84
dBc
Input 1 dB Compression Point
Minimum gain (gain code = 0001), gain = −6 dB
(preamplifier limited)
1.9
dBm
Maximum gain (gain code = 1011), gain = 24 dB
(VGA limited)
−9.2
dBm
MTPR (In-Band)
VOUT = 1.4 V p-p maximum, 10 tones, 2 MHz to 22 MHz
with missing tone at 12 MHz (spacing 2 MHz), gain
code = 1011, gain = 24 dB
−68
dBc
VOUT = 1.4 V p-p maximum, 16 tones, 2 MHz to 38 MHz
with missing tones at 10 MHz, 20 MHz, 30 MHz, and
40 MHz (spacing 2 MHz)
−61
dBc
Two-Tone Intermodulation Distortion (IMD3)
Gain code = 1011, gain = 24 dB
VOUT = 1 V p-p, f1 = 10 MHz, f2 = 11 MHz
−92
dBc
VOUT = 2 V p-p, f1 = 10 MHz, f2 = 11 MHz
−77
dBc
VOUT = 1 V p-p, f1 = 45 MHz, f2 = 46 MHz
−50
dBc
VOUT = 2 V p-p, f1 = 45 MHz, f2 = 46 MHz
−36
dBc
Output Third-Order Intercept
Gain code = 1011, gain = 24 dB
VOUT = 1 V p-p, f = 10 MHz
44
dBm
VOUT = 2 V p-p, f = 10 MHz
43
dBm
VOUT = 1 V p-p, f = 45 MHz
27
dBm
VOUT = 2 V p-p, f = 45 MHz
22
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com