Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 24 of 32
SINGLE-SUPPLY OPERATION AND AC COUPLING
When operating the AD8260 from a single supply, there are two
bias options for VMDO.
Use an external low impedance midpoint reference at
Pin VMDO and pull VMDI to VNCM to shut down the
VMID buffer.
Use the internal VMID buffer as shown in Figure 64.
In both cases, decoupling capacitors are needed on Pin VMDO
to absorb the dynamic currents.
During single-supply operation, the preamplifier input is normally
ac-coupled. An internal bias resistor (nominally 1 k Ω) connected
between PRAI and VMDO provides bias to the preamplifier
input pin. A 50 Ω resistor connected between Pin PRAI and
Pin VMDO, in parallel with the internal 1 kΩ, serves as a termina-
tion resistor and at the same time reduces the offset; the result
is a composite value of about 48 Ω. The VGA input is biased
through the attenuator network and the voltage at Pin VMDO.
When active, the VMID buffer provides the needed bias currents.
When the buffer is disabled, an external voltage is required at
Pin VMDO to provide the bias currents. For example, for a single
5 V application, a reference such as the ADR43 and a stable op
amp provide an adequate 2.5 V VMDO source.
POWER-UP/POWER-DOWN SEQUENCE
For glitch-free power-up operation, the following power-up and
power-down sequence is recommended:
1. Enable the bias by pulling the ENBL pin high. Maintain
GNS0 to GNS3 and TXEN at ground.
2. It is assumed that after the part wakes up from sleep mode,
the receive section (preamplifier and DGA) needs to be
active first to listen to any signals, and the driver needs to
be off. Therefore, the gain code should be set to 0001 (−6 dB
of gain) first and then the gain adjusted as needed. Note
that any code besides 1 to 11 (binary) disables the receive
section (see Table 4). During receive, it is also important
that the DAC that provides the signal for the high current
driver be disabled to avoid interfering with the received signal.
3. After receive, presumably data needs to be transmitted via
the high current driver amplifier. At this point, the DAC
should still be off. Pull Pin TXEN high and allow the high
current driver to settle. Enable the DAC. Although the
preamplifier and DGA can remain enabled during the
previous sequence, there may be significant preamplifier
overdrive, and it is best that the receiver be disabled while
transmitting.
4. Pull Pin ENBL low to disable the chip. To achieve the
specified sleep current of 35 μA, all logic pins must be
pulled low as well.
LOGIC INTERFACES
All logic pins use the same interfaces and, therefore, have the
same behavior and thresholds. The interface contains a Schmitt
trigger type input with a threshold at about 1.1 V and a hystere-
sis of ±0.2 V.
Therefore, the logic low is between ground and 0.8 V, and logic
high is from 1.4 V to VPOS. Because the threshold is so low, the
logic interfaces can be driven directly from 1.8 V or 3.3 V CMOS.
The input bias current is nominally 0.2 μA when the applied
voltage is 3.3 V and 18 nA when grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com