Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8260ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 5 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Overload Recovery
Maximum gain (gain code = 1011), gain = 24 dB,
VIN = 50 mV p-p to 500 mV p-p
50
ns
Group Delay Variation
1 MHz < f < 50 MHz, full gain range
2
ns
ACCURACY
Absolute Gain Error
All gain codes, limits are 3σ
−0.5
±0.15
+0.5
dB
Gain Law Conformance (DNL)
Differential gain error, code to code
−0.3
±0.15
+0.3
dB
GAIN CONTROL
Gain Step per Code
3.0
dB
Gain Range
Default = −6 dB to +24 dB
30
dB
Response Time
30 dB gain change (gain code stepped from 0001 to 1011)
50
ns
LOGIC INTERFACES
High Level Input Voltage
1.4
VS
V
Low Level Input Voltage
0
0.8
V
Logic Input Bias Current
Logic high, VLOGIC = 3.3 V
0.2
µA
Logic low
18
nA
POWER SUPPLY
Supply Voltage
Single supply
3.3
10
V
Dual supply
±3.3
±5
V
Quiescent Current
Full chip enabled (TXEN = 1, ENBL = 1, gain code = 0001)
28.3
mA
TXEN = 0, ENBL = 1, gain code = 0001, driver off, DGA on
19.1
mA
TXEN = 1, ENBL = 1, gain code = 0000, driver on, DGA off
10.8
mA
Chip disabled (TXEN = 0, ENBL = 0, gain code = 0000)
35
µA
VS = ±5 V, no signal
34.2
mA
PSRR
Maximum gain (gain code = 1011), gain = 24 dB, 1 MHz
−30
dB
Driver amplifier, 1 MHz
−48
dB
Power Dissipation
No signal
93
mW
No signal, VPOS − VNEG = 10 V
342
mW
ENABLE TIMES
Chip Enable Time
Bias only, TXEN = 0, gain code = 0000, ENBL = 0 to 1
0.4
µs
All at once, TXEN = 0 to 1, gain code = 0000 to 0001,
ENBL = 0 to 1
0.3
µs
Preamplifier and DGA Enable Time
ENBL = 1, TXEN = 0, gain code = 0000 to 0001
0.3
µs
Driver Enable Time
ENBL = 1, gain code = 0001, TXEN stepped from 0 to 1
0.2
µs
DISABLE TIMES
Chip Disable Time
TXEN = 1 to 0, gain code = 0001 to 0000,
ENBL = 1 to 0, ISUPPLY = 100 µA
20
µs
All at once, TXEN = 1 to 0, gain code = 0001 to 0000,
ENBL = 1 to 0, ISUPPLY = 35 µA
50
µs
Preamplifier and DGA Disable Time
ENBL = 1, TXEN = 0, gain code = 0001 to 0000
0.4
µs
Driver Disable Time
ENBL = 1, gain code = 0000, TXEN = 1 to 0
2.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com