Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD8432
Data Sheet
Rev. D | Page 28 of 32
SCHEMATIC
PIN 1 IDENTIFIER
PIN 0
EXPOSED PADDLE
CONNECTED TO GROUND
INH1
INL1
IND1
COMM
INL2
INH2
G0L1
OPL1
COM1
COM2
OPL2
G0L2
ENB
VPS1 OPH1 GOH1
GOH2
GMH1
GML1
IND2
VPS2 OPH2
GMH2 GML2
1
2
3
4
5
6
24
23
22
21
20
19
78
9
10
11
12
18
17
16
15
14
13
C1
0.1µF
C2
0.1µF
C6
0.1µF
C3
0.1 µF
L3
120nH FB
C4
0.1µF
C5
0.1µF
IN1
CSH1
47pF
L1
120nH FB
PR1
PR2
RSH1
15Ω
IN2
L2
120nH FB
CLAMP1
CLAMP2
RFB1
357Ω
CFB1
0.1µF
RFB2
357Ω
CFB2
0.1µF
PRB3
PRB4
ON
OFF
INH1
INL1
INL2
INH2
TPENB
OPH1
G0H1 GMH1 GML1
G0L1
OPL1
OPL2
G0L2
GML2
G0H2 GMH2
R1
0Ω
DNI
R2
0Ω
R3
0Ω
R4
0Ω
DNI
R12
0Ω
R11
0Ω
+5V
L4
120nH FB
+VCH2
VPOS
COM1
COM2
COMM
ENB
CSH2
47pF
RSH2
15Ω
R9
0Ω
R10
0Ω
GND1 GND2 GND3
GND5 GND6
GND4
OPH2
GND
C11
10µF
10V
VPOS
VPOS
VPOS
+VCH1
Figure 80. AD8436-EVALZ Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com