Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8432ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD8432
Rev. D | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage
5.5 V
Input Voltage
0 V to VPS
Power Dissipation
120 mW
Temperature
Operating Temperature
–40°C to +85°C
Storage Temperature
–65°C to +150°C
Package Glass Transition Temperature (TG)
150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. The θJA
value in Table 3 assumes a 4-layer JEDEC standard board with
zero airflow.
Table 3. Thermal Resistance1
Parameter
θJA
θJC
θJB
ΨJT
Unit
40-Lead LFCSP
57.9
11.2
35.9
1.1
°C/W
1 4-layer JEDEC board (2S2P).
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8432 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 150°C for an
extended period can cause changes in silicon devices, potentially
resulting in a loss of functionality.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com