Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8432
Data Sheet
Rev. D | Page 16 of 32
TEST CIRCUITS
RSH
CSH
RFB
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
1MHz
(10MHz)
1MHz
(10MHz LPF)
OPL
OPH
SPECTRUM
ANALZYER
RL
RL
AD8130
G = 1
475Ω
56.2Ω
DUAL FILTER
HP
LP
50Ω
1.7MHz
(10.7MHz)
50Ω
INH
INL
AD8432
LNA1
INH
INL
Figure 57. Harmonic Distortion vs. Resistive Load (RL) Measurements
DUAL FILTER
1.7MHz
(10.7MHz)
RSH
CSH
RFB
0.1µF
0.1µF
0.1µF
0.1µF
1MHz
(10MHz)
1MHz
(10MHz LPF)
OPL
OPH
RL
0.1µF
487Ω
487Ω
26.1Ω
1:1
26.1Ω
CL
CL
LP
HP
IN
50Ω
50Ω
SPECTRUM
ANALYZER
AD8432
LNA1
INH
INL
Figure 58. Harmonic Distortion vs. Capacitive Load (CL) Measurements
RSH
CSH
RFB
0.1µF
0.1µF
INH
OPL
OPH
INL
0.1µF
0.1µF
0.1µF
499Ω
5pF
499Ω
5pF
DIFF
PROBE
NETWORK
ANALYZER
IN
OUT 50Ω
50Ω
AD8432
LNA1
Figure 59. Frequency Response Measurements
0.1µF
0.1µF
OPL
OPH
0.1µF
0.1µF
AD8129
G = 10
1kΩ
50Ω
1kΩ
SPECTRUM
ANALYZER
AD8432
LNA1
INH
INL
Figure 60. Voltage Noise Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com