Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD8432
Rev. D | Page 25 of 32
EVALUATION BOARD
Figure 73 is a photo of the AD8432 evaluation board. Completely
assembled and pretested, the board provides convenient and fast
verification of system design and to assess the performance of
the AD8432 under user-specific operating conditions. The
remainder of this section describes the operation and construction
of the board.
Figure 74 through Figure 79 are various artwork and assembly
views and Figure 80 shows the schematic diagram. The board
provides access to the inputs, the outputs, and the gain settings.
As shipped, the board is configured for a gain of 21 dB and 50 Ω
input termination. Multiple combinations of gain and impedance
matching are available to the user.
Figure 73. Evaluation Board
CONNECTION AND OPERATION
Power Supply
The AD8432 requires only a single 5 V supply connected to the
+5V red test loop and black test loop GND next to it. Separate
power pins are provided for the two LNA channels, but the two
amplifier sections are wired together and rf-decoupled by small
inductors as a precaution. The remaining red test loops are for
pin probing as necessary. Should the need for amplifier isolation
arise, simply un-power the unneeded amplifier by removing L3
or L4. (Refer to Figure 74 and Figure 80.
Input Termination
The AD8432 features active input termination and boards are
shipped for 50 Ω. The input impedance is determined by the LNA
gain, and the feedback resistors RFB1 and RFB2 (see the schematic in
Figure 80) and source impedance (refer to the Theory of Operation
section and Table 7). CFB provides the necessary ac coupling
between the input and output when using active termination; a
0.1 μF capacitor is recommended. The RFB and CFB network
presents a load to the OPL; if needed, an equivalent load at OPH
balances the differential output.
Switches CLAMP1 and CLAMP2 connect the input clamping
diodes (IND1 and IND2) across the signal path. The diodes provide
input overvoltage protection in applications where fast transient
pulses exceeding 5.5 V or less than –0.6 V are present. Clamping
diodes enable faster overdrive recovery times, especially at the
lowest gain (12.04 dB). Fast transients are usually not fatal to
the device, which features ESD protection in any event.
Setting the Amplifier Gain
The violet test loops OPnn, GOnn and GMnn and Resistors
R1–R4 and Resistors R9–R12 are provided for gain adjustment.
Install 0 Ω resistors to reduce gain, leaving the positions open to
increase gain. As shipped, the evaluation board is configured for
G = 21 dB (12×). Table 8 lists the configuration for the four
available LNA gain values.
Table 8. Gain Setting Configuration
LNA1
LNA2
GAIN dB(×)
8(4)
18(8)
21(12)
24(16)
R1
R9
Y1
Y1
open
open
R2
R10
Y1
open
Y1
open
R3
R11
Y1
open
Y1
open
R4
R12
Y1
Y1
open
open
1 Y = Install 0 Ω.
Output
The 4-pin headers PR1OUT and PR2OUT are placed close to
the AD8432, and provide a way for monitoring the differential
output or the single-ended output using a high impedance
differential probe. The two inner pins of the headers are connected
to OPL/OPH, and the two outer pins of the headers are connected
to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com