Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8432ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8432
Data Sheet
Rev. D | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Two-Tone IMD3 Distortion
RS = 50 Ω, RIN unterminated
10 MHz
VOUT = 1 V p-p, f1 = 9.5 MHz, f2 = 10.5 MHz
−89.1
dBc
VOUT = 2 V p-p, f1 = 9.5 MHz, f2 = 10.5 MHz
−66.0
dBc
1 MHz
VOUT = 1 V p-p, f1 = 0.9 MHz, f2 = 1.1 MHz
−88.9
dBc
VOUT = 2 V p-p, f1 = 0.9 MHz, f2 = 1.1 MHz
−73.7
dBc
Input 1dB Compression Point
f = 1 MHz
7.5
dBm
f = 10 MHz
7.7
dBm
Output Third-Order Intercept
1 MHz
VOUT = 1 V p-p of composite tones
29.7
dBV rms
VOUT = 2 V p-p of composite tones
28.2
dBV rms
10 MHz
VOUT = 1 V p-p of composite tones
23.2
dBV rms
VOUT = 2 V p-p of composite tones
24.2
dBV rms
1 MHz
VOUT = 1 V p-p of composite tones, reference to 50 Ω
42.7
dBm
VOUT = 2 V p-p of composite tones, reference to 50 Ω
41.2
dBm
10 MHz
VOUT = 1 V p-p of composite tones, reference to 50 Ω
36.2
dBm
VOUT = 2 V p-p of composite tones, reference to 50 Ω
37.2
dBm
Crosstalk
VOUT = 1 V p-p, f = 1 MHz
102
dB
DC PERFORMANCE
Input Offset Voltage
−6.25
+1
+6.25
mV
Input Offset Voltage Drift
300
μV/°C
INPUT CHARACTERISTICS
Input Voltage Range
AC-coupled
1.2
V p-p
Input Resistance
RFB = 150 Ω
50
Ω
RFB = 226 Ω
75
Ω
RFB = 301 Ω
100
Ω
RFB = 619 Ω
200
Ω
RFB = 3.57 kΩ
1
kΩ
RFB = ∞, f = 100 kHz
6.2
kΩ
Input Capacitance
6
pF
Input Common-Mode Voltage
3.25
V
OUTPUT CHARACTERISTCS
Output Common-Mode Voltage
2.5
V
Output Offset Voltage
−25
+4
+25
mV
Output Voltage Swing
4.8
V p-p
Output Resistance
Single-ended, either output
<0.1
Ω
Output Resistance in Shutdown Mode
Single-ended, either output
2.5
kΩ
Output Short-Circuit Current
RL = 10 Ω differential
77
mA
Enable Response Time
ENBON (enable high to output on)
200
μs
ENBOFF (enable low to output off )
200
μs
POWER SUPPLY
Supply Voltage
4.5
5
5.5
V
Quiescent Current
ENB = 5 V
24
mA
Over Temperature
TA = −40°C
21
mA
TA = +85°C
27
mA
Supply Current in Shutdown Mode
ENB = GND
50
100
μA
Power Dissipation
120
mW
PSRR
G = 24.08 dB, f = 100 kHz, no bypass capacitors
−82
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com