Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8432
Data Sheet
Rev. D | Page 18 of 32
THEORY OF OPERATION
LOW NOISE AMPLIFIER (LNA)
The AD8432 is a dual-channel, ultralow noise amplifier with
integrated pin-strappable, gain-setting resistors. The resistors
can be externally connected to achieve differential gains of
12.04 dB, 18.06 dB, 21.58 dB, and 24.08 dB (×4, ×8, ×12, and
×16, respectively). A simplified schematic of an LNA is shown
in Figure 65.
The LNA is driven with a single-ended input and measured
differentially at the output. The inverting input INL must be
ac-coupled to ground through a capacitor for proper operation.
The LNA cannot be driven differentially due to the asymmetry
of the internal gain setting resistors. The gain from the inverting
input INL to the single-ended output (OPH or OPL) does not
match the gain from the noninverting input INH to the single-
ended output.
The AD8432 inputs have a dc bias voltage of 3.25 V, which is
generated internally. The inputs must be ac-coupled through a
series capacitor to maintain the dc bias level of the inputs. Likewise,
the AD8432 outputs have a dc bias voltage of 2.5 V. An ac coupling
capacitor in series with each single-ended output is recommended
to prevent improper loading of the outputs. The AD8432 inputs
have a dc bias voltage of 3.25 V, which is generated internally.
The inputs must be ac-coupled through a series capacitor to
maintain the dc bias level of the inputs (see CINL and CINH
in Figure 65).
The AD8432 supports a differential output voltage of 4.8 V p-p
for the common-mode output voltage of 2.5 V. Therefore, for a
differential gain of G = 12.04 dB, the maximum input voltage
allowed is 1.2 V p-p.
Clamping the inputs ensures quick recovery from large input
voltages. The input back-to-back diodes, which are integrated
inside the die (IND1 and IND2), should be used for the lowest gain
configuration (12.04 dB) to protect the input from overdriving.
They should be connected after the source resistance or before
the INH coupling capacitor.
The use of a fully differential topology and negative feedback
minimizes distortion. A differential signal enables smaller swings at
each output, which results in reduction of third-order distortion.
The AD8432 is a voltage feedback amplifier. Due to gain band-
width product (GBW), a decrease in bandwidth should be
expected as the gain increases. Table 5 displays the values of the
−3 dB bandwidth for each gain with unterminated input
impedance.
GAIN SETTING TECHNIQUE
Pin strapping is used to set the gain of the amplifier. Gain setting
resistors are integrated in the LNA and are accessible externally
through the GOH, GMH, GML, and GOL pins. By externally
shorting these pins, and thereby shorting or connecting the
internal resistors, the AD8432 can be configured for four different
gains. Table 5 shows which pins must be connected to achieve
the desired gain.
RG2
12Ω
RG3
24Ω
RG4
48Ω
RG7
48Ω
RG6
24Ω
RG5
24Ω
RG1
12Ω
II
I
I
CINH
INH
OPH
VPS
OPL
INL
RFB
CFB
Q2
Q1
GMH
GOH
GML
GOL
CINL
GND
GND
GND
RSH
RS
CSH
VS
Figure 65. Simplified Schematic of a Single LNA Channel, Including External Shunt and Feedback Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com