Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD8432
Rev. D | Page 15 of 32
10ns/DIV
G = 12.04dB
G = 21.58dB
G = 24.08dB
G = 18.06dB
Figure 51. Large Signal Transient Response vs. Gain, VOUT = 2 V p-p
–100
–90
–80
–70
–60
–50
–40
–20
–30
0.01
0.1
1
10
100
FREQUENCY (MHz)
G = 24.08dB
NO BYPASS CAPS
Figure 52. PSRR vs. Frequency
20
22
24
26
28
30
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 53. Supply Current vs. Temperature
0
20
40
60
80
100
120
140
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 54. Supply Current vs. Temperature in Disable Mode
TIME (100µs/DIV)
2
1
ENB
5V/DIV
OUTPUT
50mV/DIV
Figure 55. Small Signal Enable Response
TIME (100µs/DIV)
2
1
ENB
5V/DIV
OUTPUT
500mV/DIV
Figure 56. Large Signal Enable Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com