Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADV3220ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADV3219/ADV3220
Rev. A | Page 3 of 18
SPECIFICATIONS
VS = ±5 V, TA = 25°C, RL = 150 Ω, CL = 4 pF, ADV3219 at G = +1, ADV3220 at G = +2, unless otherwise noted.
Table 1.
ADV3219
ADV3220
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
840
800
MHz
2 V p-p
600
730
MHz
Gain Flatness
0.1 dB, 200 mV p-p
100
100
MHz
0.1 dB, 2 V p-p
100
100
MHz
Propagation Delay
2 V p-p
700
650
ps
Settling Time
1%, 2 V step
5
5
ns
Slew Rate
2 V step, peak
2200
2800
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.02
0.02
%
Differential Phase Error
NTSC or PAL
0.02
0.02
Degrees
Crosstalk
f = 5 MHz
−90
−82
dB
f = 100 MHz
−70
−60
dB
Off Isolation, Input to Output
f = 5 MHz, one channel
−92
−88
dB
Input Second-Order Intercept
f = 70 MHz, ADV3220, RL = 100 Ω
47
dBm
Input Third-Order Intercept
f = 70 MHz, ADV3220, RL = 100 Ω
34
dBm
Output 1 dB Compression Point
f = 70 MHz, ADV3220, RL = 100 Ω
20
dBm
Input Voltage Noise
10 MHz to 100 MHz
16
17
nV/√Hz
DC PERFORMANCE
Gain Error
No load
1
1
%
RL = 150 Ω
0.75
1.1
0.75
1.1
%
Gain Matching
Channel-to-channel, no load
1
1
%
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.02
0.04
Ω
Disabled
1
1
MΩ
Output Disable Capacitance
Disabled
1.0
1.2
pF
Output Leakage Current
Disabled
2
2
μA
Output Voltage Range
No load
2.9
±3
2.9
±3
V
Load
2.8
±3
2.75
±3
V
Short-circuit current
50
50
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
±5
21
±5
21
mV
Input Offset Voltage Drift
±10
±10
μV/°C
Input Voltage Range
No load
±3
±1.5
V
RL = 150 Ω
±3
±1.5
V
Input Capacitance
Any switch configuration
0.6
0.6
pF
Input Resistance
Output enabled
1
10
1
10
MΩ
Input Bias Current
Output enabled
5
12
6
12
μA
SWITCHING CHARACTERISTICS
Enable On Time
15
15
ns
Switching Time, 2 V Step
50% SELECT to 1% settling
20
20
ns
Switching Transient (Glitch)
IN0 to IN1 switching
70
100
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com