Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADV3219/ADV3220
Rev. A | Page 15 of 18
CIRCUIT DIAGRAMS
V+
IN
V–
0.6pF
Figure 50. ADV3219/ADV3220 Analog Input
OUT
Figure 51. ADV3219 Enabled Analog Output
OUT
GND
1kΩ
1kΩ
Figure 52. ADV3220 Enabled Analog Output
1.0pF (ADV3219)
1.2pF (ADV3220)
OUT
Figure 53. ADV3219/ADV3220 Disabled Output
V–
1kΩ
SELECT, EN
V+
Figure 54. ADV3219/ADV3220 Logic Input
V+
V–
INx, OUT
GND
SELECT,
EN
Figure 55. ADV3219/ADV3220 ESD Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com