Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADV3219/ADV3220
Rev. A | Page 13 of 18
10k
0.01
0.1
1
10
100
1k
11k
100
10
FREQUENCY (MHz)
Figure 40. ADV3219 Enabled Output Impedance vs. Frequency
–10
–20
–30
–40
–50
–60
–70
11k
100
10
FREQUENCY (MHz)
Figure 41. ADV3219/ADV3220, S11 (Measured on Evaluation Board)
1M
1
10
100
1k
10k
100k
11k
100
10
FREQUENCY (MHz)
Figure 42. ADV3220 Disabled Output Impedance vs. Frequency
10k
0.01
0.1
1
10
100
1k
11k
100
10
FREQUENCY (MHz)
Figure 43. ADV3220 Enabled Output Impedance vs. Frequency
5
4
3
2
1
0
–1
–2
–3
–4
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
0100
80
60
40
20
TIME (ns)
OUTPUT
INPUT
Figure 44. ADV3219 Overdrive Recovery
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
1k
100
INPUT FREQUENCY (MHz)
HD2 0dBm
HD3 0dBm
HD2 10dBm
HD3 10dBm
Figure 45. ADV3220 Harmonic Distortion, RL = 100 Ω, CL = 4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com