Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADV3220ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADV3219/ADV3220
Rev. A | Page 5 of 18
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage (V+ − V−)
12 V
Analog Input Voltage
V− to V+
Digital Input Voltage
0 to V+
Output Voltage (Disabled Output)
(V+ − 1 V) to (V− + 1 V)
Output Short-Circuit
Duration
Momentary
Current
50 mA
Temperature
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead LFCSP
85
23
°C/W
POWER DISSIPATION
The ADV3219/ADV3220 are operated with ±5 V supplies and
can drive loads down to 150 Ω, resulting in a wide range of
possible power dissipations. For this reason, extra care must
be taken derating the operating conditions based on ambient
temperature.
Packaged in an 8-lead LFCSP, the ADV3219 and ADV3220
junction-to-ambient thermal impedance (θJA) is 85°C/W. For long-
term reliability, the maximum allowed junction temperature of the
die, TJ, must not exceed 125°C. Temporarily exceeding this limit
can cause a shift in parametric performance due to a change in
stresses exerted on the die by the package. Figure 2 shows the
range of the allowed internal die power dissipations that meet
these conditions over the −40°C to +85°C ambient temperature
range. When using Figure 2, do not include the external load
power in the maximum power calculation, but do include the
load current through the die output transistors.
1.5
0.3
0.6
0.9
1.2
15
25
35
45
55
65
75
85
AMBIENT TEMPERATURE (°C)
TJ = 125°C
Figure 2. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com