Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADV3219/ADV3220
Data Sheet
Rev. A | Page 6 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADV3219/
ADV3220
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED
PAD TO GROUND.
3
IN1
4
V+
1
IN0
2
GND
6
OUT
5
V–
8
SELECT
7
EN
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1
IN0
Analog Input.
2
GND
Ground.
3
IN1
Analog Input.
4
V+
Positive Power Supply.
5
V−
Negative Power Supply.
6
OUT
Analog Output.
7
EN
Output Enable (Low True).
8
SELECT
Logic Input for Analog Input Selection.
N/A1
EP
Exposed Pad. Connect the exposed pad to ground.
1 N/A means not applicable.
Table 6. Truth Table
SELECT
EN
OUT
0
0
IN0
1
0
IN1
0
1
High-Z
1
1
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com