Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADV3219/ADV3220
Data Sheet
Rev. A | Page 14 of 18
40
35
30
25
20
15
10
5
0
10
1k
100
INPUT FREQUENCY (MHz)
Figure 46. ADV3220 Input Third-Order Intercept, RL = 100 Ω,
CL = 4 pF, 0 dBm Input
5
4
3
2
1
0
–1
–2
–3
–4
–5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
0
100
80
60
40
20
TIME (ns)
OUTPUT
INPUT
Figure 47. ADV3220 Overdrive Recovery
60
50
40
30
20
10
0
10
1k
100
INPUT FREQUENCY (MHz)
Figure 48. ADV3220 Input Second-Order Intercept, RL = 100 Ω,
CL = 4 pF, 0 dBm Input
24
20
16
12
8
4
22
18
14
10
6
2
0
10
1k
100
INPUT FREQUENCY (MHz)
Figure 49. ADV3220 Output P1dB Gain Compression, RL = 100 Ω, CL = 4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com