Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADV3219/ADV3220
Data Sheet
Rev. A | Page 10 of 18
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
040
30
20
10
TIME (ns)
INPUT –1V
INPUT +1V
EN
Figure 22. ADV3219 Disable Timing
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
0
1
–1
050
40
30
20
10
TIME (ns)
OUTPUT
SELECT
Figure 23. ADV3219 Switching Glitch Rising Edge
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
0
1
–1
050
40
30
20
10
TIME (ns)
OUTPUT
SELECT
Figure 24. ADV3219 Switching Glitch Falling Edge
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
040
30
20
10
TIME (ns)
INPUT –0.5V
INPUT +0.5V
EN
Figure 25. ADV3220 Disable Timing
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
0
1
–1
050
40
30
20
10
TIME (ns)
OUTPUT
SELECT
Figure 26. ADV3220 Switching Glitch Rising Edge
100
–100
–80
–60
–40
–20
0
20
40
60
80
6
5
4
3
2
0
1
–1
050
40
30
20
10
TIME (ns)
OUTPUT
SELECT
Figure 27. ADV3220 Switching Glitch Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com