Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 3 Page - Analog Devices

  HMC960LP4E Datasheet HTML 1Page - Analog Devices HMC960LP4E Datasheet HTML 2Page - Analog Devices HMC960LP4E Datasheet HTML 3Page - Analog Devices HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
Parameter
Conditions
Min.
Typ.
Max.
Units
Full Scale Differential Output
400 Ω Differential Load
100 Ω Differential Load
2
1
Vppd
Vppd
Output Voltage Range
0.5
Vdd - 0.5
V
Output Common Mode Voltage Range [2]
1
Vdd/2
3
V
Digital I/O
Tested at 30 MHz Operation
Logic Levels
Digital Input Low Level (VIL)
0.4
V
Digital Input High Level (VIH)
1.5
V
Digital Output Low Level (VOL)
0.4
V
Digital Output High Level (VOH)
Vdd - 0.4
V
Supply Related
Digital I/O
Power Supply
Analog & Digital Supplies
4.5
5
5.5
V
Supply Current [3]
Both I/Q channels
70
mA
table 1. electrical Specifications, t
A = +25°C (Continued)
Parameter
Condition
Temperature
+27 °C
Gain Setting
0 dB
Output Signal Level
2 Vppd
Input/Output Common Mode Level
2.5 V
Programmed Impedance
200 Ω per input (400 Ω differential)
Output Load
200 Ω per output (400 Ω differ-
ential)
Supplies
Analog: +5 V, Digital +5 V
Driver Bias Setting
‘10’
Op-Amp Bias Setting
‘01’ (Standard Setting)
table 2. test Conditions
Unless otherwise specified, the following test conditions were used
[1] Sideband Rejection is only measured in dB, but relates to phase/magnitude channel imbalance as follows, for a mismatch of 1 degree phase and
0.1 dB magnitude:
SBR = -10Log[(1+A^2-2Acosx)/(1+A^2+2Acosx)]
where A = 10^(0.1/20) (linear magnitude) and x = 1*pi/180 (radians)
[2] Output common mode voltage range is specified for worst case temperature, supply voltage, and bias settings with 2 Vppd signal amplitude. For
5 V supply and recommended biasing (op-amp bias =1 and driver bias=2), over 3.5 V is typical. See “Output IP3 vs. Common Mode Voltage vs.
Driver Bias Setting[1]” in Figure 12
[3] Recommend bias setting (op-amp bias =1 and driver bias=2)
[4] Standard deviation = 15 mV
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com