Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC960LP4E Datasheet HTML 1Page - Analog Devices HMC960LP4E Datasheet HTML 2Page - Analog Devices HMC960LP4E Datasheet HTML 3Page - Analog Devices HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
functional Diagram
typical Applications
features
general Description
Low Noise: 6 dB NF
High Linearity: Output IP3 +30 dBm
Variable Gain: 0 to 40 dB
High Bandwidth: DC to 100 MHz
Precise Gain Accuracy: 0.5 dB Gain Step
Excellent Magnitude and Phase Response
Externally Controlled Common Mode Output Level
Parallel or Serial Gain Control
Read/Write Serial Port Interface (SPI)
24 Lead 4x4 mm SMT Package 16 mm2
Programmable Input Impedance
(400 Ω Differential or 100 Ω Differential)
The HMC960LP4E is suitable for:
• Baseband I/Q Transceivers
• Direct Conversion & Low IF Transceivers
• Diversity Receivers
• ADC Drivers
• Adaptive Gain Control
The HMC960LP4E is a digitally programmable dual
channel variable gain amplifier. It supports discrete
gain steps from 0 to 40 dB in precise 0.5 dB steps.
It features a glitch free architecture to provide
exceptionally smooth gain transitions. The device
has matched gain paths which provide excellent
quadrature balance over a wide signal bandwidth.
The HMC960LP4E provides an SPI programmable
input impedance of 100 Ω differential or 400 Ω
differential (default).
Externally controlled common mode output feature
enables the HMC960LP4E to provide a flexible output
interface to other parts in the signal path.
Gain can be controlled via either a parallel interface
(GC[6:0]) or via the read/write serial port (SPI).
Housed in a compact 4x4mm (LP4) SMT QFN
package, the HMC960LP4E requires minimal external
components and provides a low cost alternative to
more complicated switched amplifier architectures.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC960LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC960LP4E HITTITE-HMC960LP4E Datasheet
2Mb / 20P
DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
More results

Similar Description - HMC960LP4E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC960LP4E HITTITE-HMC960LP4E Datasheet
2Mb / 20P
DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
logo
Analog Devices
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Integrated Device Techn...
IDTF1241 IDT-IDTF1241 Datasheet
1Mb / 20P
Dual IF Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305 Datasheet
3Mb / 15P
40-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304 Datasheet
4Mb / 22P
50-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303 Datasheet
3Mb / 15P
30-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com