Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC960LP4E Datasheet HTML 1Page - Analog Devices HMC960LP4E Datasheet HTML 2Page - Analog Devices HMC960LP4E Datasheet HTML 3Page - Analog Devices HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
table 1. electrical Specifications
T
A = +25°C, VDDI, VDDQ, DVDD = 5V +/-10%, GND = 0V, 400 Ω differential load unless otherwise stated.
Parameter
Conditions
Min.
Typ.
Max.
Units
Analog Performance
Gain Range
0
40
dB
Gain Step Size
0.5
dB
Gain Step Error
f = 40 MHz
0.05
±0.2
dB
Gain Absolute Error
f = 40 MHz
0.1
±0.2
dB
DC Offset [4]
measured over all gain settings
0
±50
mV
Signal Bandwidth
0.5 dB bandwidth
3 dB bandwidth
over all gain settings
50
100
90
180
MHz
MHz
Noise Figure
100 Ω Input Impedance (100 Ohm source)
400 Ω Input Impedance (400 Ohm source)
Gain:
0 dB (min gain)
10 dB
20 dB
30 dB
40 dB (max gain)
0 dB (min gain)
10 dB
20 dB
30 dB
40 dB (max gain)
23
14
7.5
6.5
6
17.5
11
6.7
6.3
6.1
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Output noise
0 dB gain
40 dB gain
measured at f = 1 MHz
100 Ω matched input load
9
125
nV/rtHz
nV/rtHz
Output IP3
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
32
33
dBm
dBm
IM3
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
-75
-80
dBc
dBc
Output IP2
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
73
73
dBm
dBm
IM2
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
-80
-80
dBc
dBc
Sideband Suppression (Uncalibrated)[1]
tested at 20 MHz over all gains
40
55
dB
I/Q Channel Balance[1]
Gain
Phase
tested at 20 MHz
0.02
0.15
dB
degrees
I/Q Channel Isolation
60
70
dB
Analog I/O
Differential input impedance
100 Ω Mode
400 Ω Mode
80
320
100
400
120
480
Ω
Ω
Full Scale Differential Input
400 Ω Differential Load
100 Ω Differential Load
min / max gain setting
min / max gain setting
2/0.02
1/0.02
Vppd
Vppd
Input Common Mode Voltage Range
1
4
V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com