Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 9Page - Analog Devices HMC960LP4E Datasheet HTML 10Page - Analog Devices HMC960LP4E Datasheet HTML 11Page - Analog Devices HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices HMC960LP4E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
theory of Operation
The HMC960LP4E consists of the following functional blocks
1. Input Match & Gain Stage
2. Second Gain Stage
3. Output Driver & Gain Stage
4. Bias Circuit
5. Serial Port Interface
6. Parallel Port Interface
input Match & gain Stage
The HMC960LP4E input stage consists of a user selectable 100 Ω or 400 Ω differential input impedance and a
programmable gain of 0, 10 or 20 dB. A block diagram showing input impedance of the I channel is presented below,
Q channel is similar.
Figure 2. Input Stage Block Diagram
Second gain Stage
The HMC960LP4E second stage consists of a series of carefully scaled resistors to generate up to 10 dB of gain in 0.5
dB steps. The gain step is fully determined by resistor ratios and as such the gain precision is relatively independent
of both temperature and process variation.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com