Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC960LP4E Datasheet HTML 1Page - Analog Devices HMC960LP4E Datasheet HTML 2Page - Analog Devices HMC960LP4E Datasheet HTML 3Page - Analog Devices HMC960LP4E Datasheet HTML 4Page - Analog Devices HMC960LP4E Datasheet HTML 5Page - Analog Devices HMC960LP4E Datasheet HTML 6Page - Analog Devices HMC960LP4E Datasheet HTML 7Page - Analog Devices HMC960LP4E Datasheet HTML 8Page - Analog Devices HMC960LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
figure 7. iM2 vs. frequency & gain [4]
figure 8. Output ip2 vs.
frequency & gain [4]
figure 9. iM3 vs. frequency and gain,
Standard bias Setting [5][7]
-115
-110
-105
-100
-95
10
20
30
40
50
60
70
80
0 dB
10 dB
20 dB
30 dB
40 dB
FREQUENCY (MHz)
10
15
20
25
30
35
40
45
10
100
0dB
5dB
10dB
15dB
20dB
25dB
30dB
35dB
40dB
FREQUENCY (MHz)
Greater Than 30 dB
Gain Setting
Less Than 30 dB
Gain Setting
10
15
20
25
30
35
40
45
10
100
0dB
5dB
10dB
15dB
20dB
25dB
30dB
35dB
40dB
FREQUENCY (MHz)
Greater Than 30 dB
Gain Setting
Less Than 30 dB
Gain Setting
60
70
80
90
100
110
10
20
30
40
50
60
70
80
0 dB
10 dB
20 dB
30 dB
40 dB
FREQUENCY (MHz)
figure 10. iM3 vs. frequency & gain,
High Linearity bias Setting [6][7]
figure 11. Output ip3 vs. frequency &
gain, Standard bias Setting [5] [7]
figure 12. Output ip3 vs. frequency &
gain, High Linearity bias Setting [6] [7]
[3] VGA Gain = 0 dB, 2 Vpp differential output
[4] 300 mVppd output, load impedance = 400 Ω differential
[5] Amplifier bias setting = ‘01’ (Standard Setting)
[6] Amplifier bias setting = ‘10’ (High Linearity Setting)
-100
-90
-80
-70
-60
-50
-40
10
100
0dB
5dB
10dB
15dB
20dB
25dB
30dB
35dB
40dB
FREQUENCY (MHz)
Gain Settings
30 dB or Greater
Gain Settings
Less Than 30 dB
-100
-90
-80
-70
-60
-50
-40
10
100
0dB
5dB
10dB
20dB
15dB
25dB
30dB
35dB
40dB
FREQUENCY (MHz)
Gain Settings
30 dB or Greater
Gain Settings
Less Than 30 dB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com