Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 19 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices HMC960LP4E Datasheet HTML 17Page - Analog Devices HMC960LP4E Datasheet HTML 18Page - Analog Devices HMC960LP4E Datasheet HTML 19Page - Analog Devices HMC960LP4E Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
register Map
Three registers provide all the required functionality via the SPI port.
table 8. reg 01h - enable register
Bit
Name
Width
Default
Description
[0]
VGA_I_enable
1
1
VGA I channel enable bit
[1]
VGA_Q_enable
1
1
VGA Q channel enable bit
[2:3]
spare
2
0
[23:4]
unused
19
table 9. reg 02h - Settings register
Bit
Name
Width
Default
Description
[1:0]
opamp_bias[1:0]
2
01
Opamp bias setting.
00 -- min bias
11 -- max bias
opamp_bias[1:0]=01 recommended for low frequency operation or 10 for
improved linearity for higher frequency operation.
[3:2]
drvr_bias[1:0]
2
01
Driver bias setting.
00 -- min bias
11 -- max bias
drvr_bias[1:0]=10 recommended (characterized on recommended setting
only)
[4]
Rin_50ohm_select
1
1
Input impedance setting:
0: Rin of 200 ohms selected
1: Rin of 50 ohms selected
[5]
Gain_Control_from_SPI
1
0
Source of Gain Control Input
0: Gain control taken from parallel port (pins)
1: Gain control taken from SPI register 3
[6]
Gain_Decode_Disable
1
0
Bypass gain decoder
0: Decoded gain taken from register 3, bits <8:0>
1: Undecoded gain taken from register 3, bits <8:0>
(SPI gain control must be selected)
[7]
Gain_Deglitching_Disable
1
0
Bypass gain deglitcher
0: Gain control deglitching active
1: Gain control deglitching disabled
(applies to SPI and parallel port gain control)
[23:8]
unused
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com