Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC960LP4E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC960LP4E Datasheet HTML 10Page - Analog Devices HMC960LP4E Datasheet HTML 11Page - Analog Devices HMC960LP4E Datasheet HTML 12Page - Analog Devices HMC960LP4E Datasheet HTML 13Page - Analog Devices HMC960LP4E Datasheet HTML 14Page - Analog Devices HMC960LP4E Datasheet HTML 15Page - Analog Devices HMC960LP4E Datasheet HTML 16Page - Analog Devices HMC960LP4E Datasheet HTML 17Page - Analog Devices HMC960LP4E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v01.1212
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
Output Driver & gain Stage
The HMC960LP4E output driver consists of a differential class AB driver which is designed to drive typical ADC loads
directly or can drive up to 200 Ω in parallel with 50 pF to AC ground per differential output. The stage provides a
programmable 0 dB or 10 dB gain via switched resistors. Note that the output common mode of the driver is controlled
directly via an input pin and can be set as per “Table 1. Electrical Specifications”.
Figure 3. Output Driver Block Diagram
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com