Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 30Page - Analog Devices SSM4567 Datasheet HTML 31Page - Analog Devices SSM4567 Datasheet HTML 32Page - Analog Devices SSM4567 Datasheet HTML 33Page - Analog Devices SSM4567 Datasheet HTML 34Page - Analog Devices SSM4567 Datasheet HTML 35Page - Analog Devices SSM4567 Datasheet HTML 36Page - Analog Devices SSM4567 Datasheet HTML 37Page - Analog Devices SSM4567 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 34 of 52
AMP AND SENSE CONTROL REGISTER
Address: 0x01, Reset: 0x09, Name: AMP_SNS_CTRL
Table 27. Bit Descriptions for AMP_SNS_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
SNS_FS
Sense Sample Rate. The sense output sample rate can be set at a lower rate than the
DAC.
0x0
R/W
00
Sense Sample Rate same as the DAC.
01
Sense Sample Rate 1/2 of the DAC.
10
Sense Sample Rate 1/4 of the DAC.
11
Sense Sample Rate 1/8 of the DAC.
3
SNS_HPF
SNS High Pass Filter Enable.
0x1
R/W
0
SNS High Pass Filter Off.
1
SNS High Pass Filter On
.
2
EDGES
Edge Rate Control. This controls the edge speed of the power stage. The low EMI
operation mode reduces the edge speed, lowering EMI and power efficiency.
0x0
R/W
0
Normal Operation.
1
Low EMI Mode Operation for Class-D power stage.
1
RESERVED
Reserved.
0x0
R/W
0
ANA_GAIN
Amplifier Analog Gain Selection.
0x1
R/W
0
3.6 V Full-Scale Gain Mapping.
1
5.2 V Full-Scale Gain Mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com