Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 20 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 16Page - Analog Devices SSM4567 Datasheet HTML 17Page - Analog Devices SSM4567 Datasheet HTML 18Page - Analog Devices SSM4567 Datasheet HTML 19Page - Analog Devices SSM4567 Datasheet HTML 20Page - Analog Devices SSM4567 Datasheet HTML 21Page - Analog Devices SSM4567 Datasheet HTML 22Page - Analog Devices SSM4567 Datasheet HTML 23Page - Analog Devices SSM4567 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 20 of 52
Each chip on the TDM bus can occupy 32, 48, or 64 BCLK
cycles. This is set with the TDM_BCLKS control register and all
chips on the bus must have the same setting. Up to eight SSM4567
chips can be used on a single TDM bus, but only three unique
I2C device addresses are available. The SSM4567 automatically
determines how many possible chips can be placed on the bus
from the BCLK rate. There is no limit to the total number of
BCLK cycles per FSYNC pulse. In standalone mode, only four
slots can be used because there are only four combinations of
the SDA and SCL pins to choose from (see Table 10).
When not in standlone mode, the slot that each SSM4567 uses
is determined either by the LR_SEL/ADDR pin settings or the
TDM_SLOT control register. By default, the setting is
determined by the state of the LR_SEL/ADDR pin, which
allows the first three slots to be selected. However, it can be
overridden by the TDM_SLOT control register, which allows
eight different slots to be selected.
Table 11. TDM Slot Selection
Device Setting
LR_SEL/ADDR Pin Configuration
TDM Chip 1 Slot Used/Driven
Tied to AGND
TDM Chip 2 Slot Used/Driven
Tied to IOVDD
TDM Chip 3 Slot Used/Driven
Open
The six placement control bits determine placement of input
and output data within each chip slot. Input data to the DAC,
using the DAC_PDM_DAT/DAC_SDATAI pin, can be either
16-bit or 24-bit data or it can be set to read in eight bits and
ignore them. This is useful for right justified data formats where
the first eight bits of the 32 bit clocks are padded zeros. The first
placement register is set to read in eight bits and ignore them.
Then the next placement register is set to read in the 24-bit
audio data.
The output data from the DAC, using the SNS_PDM_DAT/
SNS_SDATAO pin, can be any of the following:
•
16-bit voltage output
•
16-bit current output
•
8-bit battery (VBAT) voltage
•
8-bit control data output
•
Alternating 16-bit voltage and current
•
8-bit status output
•
8-bit V/I marker and slot ID
•
Blank eight bits
It is possible to have as many as six output placements and four
input placements per frame depending on the clock rates.
MULTICHIP I2S OPERATING MODE
A special multichip I2S mode is enabled by setting the MC_I2S
control register (Register 0x05[4]) to 1 when under I2C control.
The TDM_SLOT register (Register 0x05[2:0]) sets the slot where
data is expected and sense data is transmitted. In standalone
mode or when AUTO_SAI = 1, multichip I2S is enabled when
the device is wired for TDM mode (that is, the BCLK and
FSYNC signals are not swapped as they would be for I2S/left
justified operation) except the FSYNC signal has a 50% duty
cycle. The frequency of the FSYNC signal in relation to the
BCLK signal determines if the device is in two-chip or four-
chip mode. If the FSYNC signal consists of one BCLK cycle
pulse, TDM operating mode is active instead.
The multichip I2S interface allows multiple chips to drive a single
I2S bus. Each chip takes control of the bus every two or four
frames (depending on the number of chips placed on the bus),
allowing a maximum of four chips on the bus. Each frame or cycle
of the FSYNC signal must 64 BCLK cycles long. The
LR_SEL/ADDR pin assignments determine the order of control.
Each frame also contains a slot ID code that is appended to the
current data in the frame. This code indicates the slot of the
chip that sent the data for that frame.
The mapping of LR_SEL/ADDR pin assignments to the ID tag
when not in standalone mode is shown in Table 12.
Table 12. Multichip I2S Slot Configuration in SA Mode
ADDR Pin Configuration
Slot No.
ID Tag
Tied to AGND
1
0001
Tied to IOVDD
2
0010
Open
3
0100
The device automatically configures for two-chip or four-chip
depending on the number of detected chips in the bus. For two-
chip operation, the first and second slots must be used. Unused
slots are allowed; however, Slot 1 must always be used. To
enable two-chip operation, the device starts in four-chip
operation and, when it is detected that Slot 3 and Slot 4 are
unused, it switches to two-chip operation.
Table 13 describes the FSYNC and BCLK rates that are
supported in multichip I2S mode.
Table 13. FSYNC and BCLK Rates For Multichip I2S
Sample Rate
Valid Slots
FSYNC Rate
BCLK Rate
32 kHz to 48 kHz
1, 2
2 × fS
(32 kHz to
96 kHz)
128 × fS
(2.048 MHz to
6.144 MHz)
32 kHz to 48 kHz
1, 2, 3, 4
4 × fS
(64 kHz to
128 kHz)
256 × fS
(4.096 MHz to
12.288 MHz)
SYSTEM GAIN
The default analog gain of the SSM4567 maps a 0 dBFS input
level to 5.1 V peak nominally at the amplifier output. This
setting provides optimal gain staging for best noise performance.
A lower analog gain setting that maps a 0 dBFS input level to
3.6 V peak can be set via the ANA_GAIN bit, Register 0x01[0].
There is also digital gain/volume control, Register 0x03, that
provides fine control in 0.375 dB steps from −71.25 dB to +24 dB.
There is one additional step for mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com