Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 49 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 49 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 44Page - Analog Devices SSM4567 Datasheet HTML 45Page - Analog Devices SSM4567 Datasheet HTML 46Page - Analog Devices SSM4567 Datasheet HTML 47Page - Analog Devices SSM4567 Datasheet HTML 48Page - Analog Devices SSM4567 Datasheet HTML 49Page - Analog Devices SSM4567 Datasheet HTML 50Page - Analog Devices SSM4567 Datasheet HTML 51Page - Analog Devices SSM4567 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 49 of 52
PDM CONTROL REGISTER
Address: 0x13, Reset: 0x40, Name: PDM_CTRL
Table 45. Bit Descriptions for PDM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
PDM_LR_SEL
PDM left/right channel select when external PIN SEL =1
0x0
R/W
0
select left channel
1
select right channel
6
PAT_CTRL_EN
Enable PDM pattern control when external PIN SEL=0
0x1
R/W
0
Disable PDM pattern control
1
Enable PDM pattern control
5
RESERVED
Reserved.
0x0
R/W
4
I2C_ADDR_SET
Setting the I2C Address in PDM mode when external PIN SEL = 0
0x0
R/W
0
I2C Address is fixed to 0x34 in PDM mode
1
I2C Address determined by LR_SEL/ADDR pin in PDM mode (LR_SEL/ADDR = 0,
Address = 0x34; LR_SEL/ADDR = 1, Address = 0x35)
[3:2]
LOW_LATENCY
Low latency Mode
0x0
R/W
00
Normal Mode
01
Low latency Mode, delay about 15 µs
10
Low latency Mode, delay about 5 µs
1
SHARED_CLOCK
Only DAC_PDM_CLK is needed
0x0
R/W
0
Do not share
1
DAC_PDM_CLK is shared with SNS_PDM_CLK
0
SEL_VBAT
Select VBAT to output
0x0
R/W
0
output sense voltage in PDM mode
1
Output sense battery voltage (VBAT) in PDM mode
MCLK RATIO SETTING REGISTER
Address: 0x14, Reset: 0x11, Name: MCLK_RATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com