Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 21 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 21 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 17Page - Analog Devices SSM4567 Datasheet HTML 18Page - Analog Devices SSM4567 Datasheet HTML 19Page - Analog Devices SSM4567 Datasheet HTML 20Page - Analog Devices SSM4567 Datasheet HTML 21Page - Analog Devices SSM4567 Datasheet HTML 22Page - Analog Devices SSM4567 Datasheet HTML 23Page - Analog Devices SSM4567 Datasheet HTML 24Page - Analog Devices SSM4567 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 21 of 52
OUTPUT CURRENT SENSING
The SSM4567 uses an on-chip sense resistor to determine the
output current flowing to the load. The voltage across this sense
resistor is proportional to the load current and sent to an ADC
running nominally at 128 × fs. In PCM mode, the output of this
ADC is downsampled using digital filtering. This downsampled
signal at an 8 kHz to 192 kHz sample rate is output on the
digital audio interface. The data is 16 bits and in signed fraction
format. For both current and voltage sensing a sample rate equal
to the DAC input is the default setting. A lower sample rate of ½,
¼, or ⅛ the DAC sample rate can be used. This can be set using
the SNS_FS bits, Register 0x01[5:4].
In PDM mode the sense ADC runs at the PDM clock rate.
OUTPUT VOLTAGE SENSING
The output voltage level is monitored and sent to an ADC
running nominally at 128 × fs. The output of this ADC is then
downsampled using digital filtering. This downsampled signal
at 8 kHz to 192 kHz sample rate is output on the digital audio
interface. The data is 16 bits and in signed fraction format. For
both current and voltage sensing, a sample rate equal to the
DAC input is the default setting. A lower sample rate of ½, ¼, or
⅛ the DAC sample rate can be used. This can be set using the
SNS_FS bits, Register 0x01[5:4].
In PDM mode, the sense ADC runs at the PDM clock rate.
VBAT SENSING
The SSM4567 contains an 8-bit ADC that measures the voltage
of the VBAT supply in real time. The output of the ADC is in 8-bit
unsigned format and is presented on the eight MSBs of the 16
bits in Slot 3 on the TDM bus. The remaining eight LSBs are
driven low (see Figure 39).
LIMITER AND BATTERY TRACKING THRESHOLD
CONTROL
The SSM4567 contains an output limiter that can limit the peak
output voltage of the amplifier. The threshold at which the
output is limited is determined by the LIM_THRES register
setting, Register 0x0E[3:0]. The audio signal is not affected by
the limiter function unless the peak audio output voltage
exceeds the limiter threshold level.
The LIM_THRES can be set above the maximum output voltage
of the amplifier. In this case, the limiter allows maximum peak
output, but limits the amount of clipping that can occur. The
rate of gain reduction or attack rate and gain increase or release
rate is determined by the LIM_ATR bits (Register 0x0E[5:4]) and
LIM_RRT bit (Register 0x0E[7:6]), respectively.
The SSM4567 can monitor the VBAT supply and automatically
adjust the limiter threshold when the VBAT supply is below a
selected point when LIM_EN = 01. When using the limiter, it
can be selected whether the threshold is fixed or moves with the
battery voltage via the VBAT_TRACK bit (Register 0x0D[2]). This
function can prevent early shutdown under end-of-charge
battery conditions. The VBAT supply voltage at which the limiter
level begins to decrease the output level is determined by the
VBAT_INF bits (Register 0x0D[5:3]). The rate at which the
threshold is lowered relative to the amount VBAT has lowered
below the VBAT_INF point is determined by the slope bits
(Register 0x0D[7:6]).
The limiter can also be set such that it engage only when the
battery voltage is lower than VBAT_INF by setting LIM_EN = 11.
When VBAT is above VBAT_INF, no limiting takes place. In this
case, there is hysteresis on VBAT_INF for the limiter disengaging.
If LIM_EN = 10, when VBAT falls below the VBAT_INF value,
the amplifier automatically mutes. In this case, there is
hysteresis on VBAT_INF when the mute is disengaged.
Figure 41. Battery Tracking Limiter Threshold Control
Figure 42. Limiter Example (LIM_EN = 0b11, VBAT_TRACK = 0b1)
Figure 43. Limiter Example (LIM_EN = 0b11, VBAT_TRACK = 0)
VBAT
VBAT_INF
LIM_THRES
SLOPE
VBAT
LIM_EN = 11
VBAT_TRACK = 1
NO LIMITING
VBAT
LIM_EN = 11
VBAT_TRACK = 0
NO LIMITING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com