Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 4 Page - Analog Devices

  SSM4567 Datasheet HTML 1Page - Analog Devices SSM4567 Datasheet HTML 2Page - Analog Devices SSM4567 Datasheet HTML 3Page - Analog Devices SSM4567 Datasheet HTML 4Page - Analog Devices SSM4567 Datasheet HTML 5Page - Analog Devices SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 4 of 52
GENERAL DESCRIPTION
The SSM4567 is a digital input Class-D power amplifier that
includes an integrated boost converter, allowing higher output
power than with a normal battery supply. This means that
maximum output power is constant across the battery voltage
range. The SSM4567 is ideal for power sensitive applications
where system noise can corrupt the small analog signal sent to
the amplifier, such as mobile phones, tablets, and portable media
players.
The SSM4567 combines an audio digital-to-analog converter
(DAC), a power amplifier, and PDM or PCM (I2S/TDM) digital
audio interfaces on a single chip. Using the SSM4567, audio can
be transmitted digitally to the audio amplifier, significantly
reducing the effect of noise sources on the transmitted audio and
eliminate the need for input coupling capacitors. The SSM4567
is capable of delivering 2.5 W of continuous output power with
<1% THD + N driving a 4 Ω load from a 3.6 V supply.
The SSM4567 can be controlled by I2C, PDM pattern control, or
TDM control. It can also operate in standalone mode without a
control interface.
The SSM4567 includes circuitry to sense output current, output
voltage, and the VBAT supply voltage. Current sensing is
performed using an on-chip sense resistor that is connected
between an output pin and the load. Output current and voltage
are sent to an ADC. The outputs of these ADCs are available on
the digital serial output port. The VBAT supply voltage can be
used with an automatic gain control circuit that is fully
configurable. This AGC can limit the maximum output at low
battery voltages to avoid drawing too much current from the
battery, thereby extending battery life.
The SSM4567 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. The closed-loop,
five-level modulator design retains the benefits of an all digital
amplifier, yet enables very good PSRR and audio performance. The
modulation continues to provide high efficiency even at low output
power and has an SNR of 104 dB, A-weighted. Spread spectrum
pulse density modulation is used to provide lower EMI radiated
emissions compared with other Class-D architectures.
The SSM4567 has a micropower shutdown mode with a typical
shutdown current of 0.2 µA for the VBAT power supply.
Shutdown is enabled automatically by gating input clock and
data signals.
The SSM4567 is specified over the industrial temperature range
of −40°C to +85°C. It has a built-in thermal shutdown and
amplifier and boost output short-circuit protection. It is
available in a 19-ball, 1.74 mm × 2.1 mm wafer level chip scale
package (WLCSP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com