Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices SSM4567 Datasheet HTML 10Page - Analog Devices SSM4567 Datasheet HTML 11Page - Analog Devices SSM4567 Datasheet HTML 12Page - Analog Devices SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices SSM4567 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 11 of 52
Figure 15. Output Power vs. Frequency at RL = 4 Ω, THD + N = 1%
Figure 16. Efficiency vs. Output Power, Boost Inductor = 2.2 µH,
RL = 8 Ω and 33 µH
Figure 17. Efficiency vs. Output Power, Boost Inductor = 2.2 µH,
RL = 4 Ω and 15 µH
Figure 18. Boost Efficiency vs. Output Current, Boost Inductor = 2.2 µH
at 3.072 MHz
Figure 19. Output Voltage vs. VBAT Supply Voltage, Limiter Threshold = 5.4 V
Figure 20. Output Voltage vs. Input Amplitude
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
200
2k
20k
FREQUENCY (Hz)
2.5V
3.0V
3.6V
4.2V
5.0V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
OUTPUT POWER ( W)
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT POWER (W)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (mA)
0
200
400
600
800
1000
1200
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
VBAT (V)
SLOPE = 2V/V, VBAT_INF = 3.7V
SLOPE = 2V/V, VBAT_INF = 3.5V
SLOPE = 2V/V, VBAT_INF = 3.3V
SLOPE = 3V/V, VBAT_INF = 3.7V
SLOPE = 3V/V, VBAT_INF = 3.5V
SLOPE = 3V/V, VBAT_INF = 3.3V
0.5
1
2
4
–20
–15
–10
–5
INPUT AMPLITUDE (dBFS)
2.5V
2.7V
2.9V
3.1V
3.3V
3.5V
3.7V
3.9V
4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com