Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 20Page - Analog Devices SSM4567 Datasheet HTML 21Page - Analog Devices SSM4567 Datasheet HTML 22Page - Analog Devices SSM4567 Datasheet HTML 23Page - Analog Devices SSM4567 Datasheet HTML 24Page - Analog Devices SSM4567 Datasheet HTML 25Page - Analog Devices SSM4567 Datasheet HTML 26Page - Analog Devices SSM4567 Datasheet HTML 27Page - Analog Devices SSM4567 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 24 of 52
TDM CONTROL INTERFACE
The SSM4567 supports control data sent over the serial audio
interface (SAI). This allows flexible control of the device
without requiring an I2C control port connection. Only TDM
operation with 64 BCLKs per chip is supported in this mode
(see Figure 50). It is not possible to modify any of the SAI
control registers in this mode. The placement for DAC inputs,
Px_DAC, also cannot be modified. The placements for sense
outputs, Px_SNS, can be modified. An 8-bit control data output
can be placed on the SNS_PDM_DAT/SNS_SDATAO line via
the placement register. This allows reading of control data over
the SAI. It is not necessary to use this in SAI control mode.
Figure 51. SDATAI Data Placement for SAI Control, TDM with 64-Bit Slot
Two bytes, the control header and control data, must be placed
in the DAC input stream and one byte, control data, is placed
on the output sense stream.
The three LSBs of the control header byte are used to initiate
control sequences. They are the start bit indicating the start of a
control sequence when set to one, the stop bit indicating the stop of
a control sequence when set to one, and the read/write bit, which
indicates a read or write sequence when the start bit is also set.
Figure 52. SAI Control Header Byte Format
The control data sequencing is the same as I2C control, except a
device address is not required. The first control data byte sent
after the start is the 8-bit subaddress; the subsequent control
data bytes are data.
Table 17. SAI Control Write Sequence
Frame
Control
Header
Control
DAC_DATAI
Control
SNS_DATAO
1
0x04
Subaddress
0x00
2
0x00
Data 1
0x00
3
0x00
Data 2
0x00
4
0x00
Data 3
0x00
5
0x02
Don’t care
0x00
Table 18. SAI Control Read Sequence
Frame
Control
Header
Control
DAC_DATAI
Control
SNS_DATAO
1
0x05
Subaddress
0x00
2
0x00
Don’t care
Data 1
3
0x00
Don’t care
Data 2
4
0x00
Don’t care
Data 3
5
0x02
Don’t care
0x00
STANDALONE MODE CONTROL
The SSM4567 can be operated without any control interface in
standalone mode. This mode is set by pulling up the
LR_SEL/ADDR pin to IOVDD with a 47 kΩ resistor. When
operating in standalone mode, all control settings are set to
their default state except for those listed in Table 19.
Table 19. Non Default Register Settings in Standalone Mode
Bit Name
SA_MODE Setting
Function
SPWDN
0
Normal operation
AUTO_SAI
1
Auto detection of serial
audio interface format
LIM_EN
00
Disable limiter
SDATA_FMT
0
Normal I2S
TDM_BCLKS
10
64 BCLKs per chip in
TDM
PDM_MODE
b0
Disable PDM mode
In standalone mode with the interface set to TDM mode, the
SDA pin and the SCL pin are used to select the TDM/channel
slot. If in I2S mode, the SCL pin can be used to power down
boost, and the SDA pin can be used to shut down the whole
device (see Table 10).
EMI NOISE
The SSM4567 uses a proprietary modulation and spread-
spectrum technology to minimize EMI emissions from the
device. The SSM4567 can pass FCC Class B emissions testing
with unshielded 20-inch cable using ferrite bead-based filtering.
For applications that have difficulty passing FCC Class B
emission tests, the SSM4567 includes an edge rate control bit,
Register 0x01[2] (ultralow EMI emission mode), that
significantly reduces the radiated emissions at the Class-D
outputs, particularly above 100 MHz. Note that reducing the
supply voltage also greatly reduces radiated emissions.
OUTPUT MODULATION DESCRIPTION
The SSM4567 uses five-level, Σ-Δ output modulation. Each
output can swing from PGND to VBAT or PGND to VBST at
any time and vice versa. Ideally, when no input signal is present,
the output differential voltage is 0 V, because there is no need to
generate a pulse. In a real-world situations, there are always
noise sources present.
Due to this constant presence of noise, a differential pulse is
generated, when required, in response to this stimulus. A small
amount of current flows into the inductive load when the
differential pulse is generated.
Most of the time, however, output differential voltage is 0 V, due
to the Analog Devices, Inc., five-level, Σ-Δ output modulation.
This feature ensures that the current flowing through the
inductive load is small.
P1
P2
P3
P4
CONTROL HEADER 8-BIT
CONTROL DATA 8-BIT
BLANK
DAC 24-BIT
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
0
0
0
0
0
START
STOP
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com