Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  SSM6322ACPZ-R2 Datasheet HTML 1Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 2Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 3Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 4Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 5Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 6Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 7Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±3.3 to ±6
V
Quiescent Current
VSD = VSD2 = VCCx, VREF = 0 V, per channel
3
3.35
mA
−40°C ≤ TA ≤ +85°C
3.1
mA
Quiescent Current Power-Down Mode
VSD = 0 V, VSD2 = VCCx, per channel
1.4
mA
VSD = VSD2 = 0 V, per channel
15
μA
DC Power Supply Rejection Ratio
Supply voltage (VSY) = 3.3 V to 5.5 V
115
140
dB
AC Power Supply Rejection Ratio
20 kHz
87
dB
POWER-DOWN INPUTS
Logic High
Chip on, referenced to ground
>1.5
V
Logic Low
Chip off, referenced to ground
<0.75
V
±3.3 V SUPPLY
TA = 25°C, VREF = 0 V, RF = RG = 1 kΩ (see Figure 38), unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Gain Bandwidth
RIN1 = 1 kΩ, RIN2 = 1 kΩ (see Figure 38), VOUT = 0.2 V p-p
25
MHz
Slew Rate
Gain = 1, VOUT = 2 V step
14
V/μs
Channel Separation
1 kHz to 10 kHz, VIN = 1 V p-p, RL = 600 Ω, 32 Ω, and 16 Ω
−140
dB
DISTORTION PERFORMANCE
THD + N
1 kHz, VOUT = 1 V rms, low-pass filter = 80 kHz, RL = 600 Ω
−116
dB
1 kHz, VOUT = 1 V rms, low-pass filter = 80 kHz, RL = 32 Ω
−116
dB
1 kHz, VOUT = 0.9 V rms, low-pass filter = 80 kHz, RL = 16 Ω
−111
dB
NOISE PERFORMANCE
A-Weight Output Noise
f = 10 Hz to 22 kHz
1.8
μV rms
Input Voltage Noise
f = 10 Hz
5.2
nV/√Hz
f = 100 kHz
3.6
nV/√Hz
Input Current Noise
f = 10 Hz
10
pA/√Hz
f = 100 kHz
1.2
pA/√Hz
DC PERFORMANCE
Output Offset Voltage
90
250
μV
Output Offset Voltage Drift
1.5
7.5
μV/°C
Input Bias Current
−2.4
−1.8
−1
μA
Input Offset Current
60
300
nA
Open-Loop Gain
VOUT = ±2.3 V, RL = 600 Ω
106
120
dB
INPUT CHARACTERISTICS
Input Capacitance
2
pF
Input Common-Mode Voltage
Range
Differential current (IDIFF) = 3 mA
±0.3
V
Common-Mode Rejection
Common-mode voltage (VCM) = ±0.3 V
109
135
dB
VREF1/VREF2
V
Open Circuit Voltage
Referenced to ground
1.45
V
Output Current
15
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each Output
RL = 600 Ω
±1.6
±1.7
V
RL = 32 Ω
±1.4
±1.45
V
RL = 16 Ω
±1.2
±1.4
V
Output Current
RL = 16 Ω, VRMS = 0.9 V, THD + N = −111 dB
56
mA rms
Short-Circuit Current
RL = 10 Ω
+115/−120
mA
Closed-Loop Output Impedance
10 Hz to 20 kHz
0.04
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com