Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  SSM6322ACPZ-R2 Datasheet HTML 1Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 2Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 3Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 4Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 5Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 6Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 7Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 5 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±3.3 to ±6
V
Quiescent Current
VSD = VSD2 = VCCx, VREF = 0 V, per channel
2.9
3.35
mA
−40°C ≤ TA ≤ +85°C
3.0
mA
Quiescent Current Power-Down
Mode
VSD = 0 V, VSD2 = VCCx
1.3
mA
VSD = VSD2 = 0 V
10
μA
DC Power Supply Rejection Ratio
VSY = 3.3 V to 5.5 V
115
140
dB
AC Power Supply Rejection Ratio
20 kHz
85
dB
POWER-DOWN INPUTS
Logic High
Chip on, referenced to ground
>1.5
V
Logic Low
Chip off, referenced to ground
<0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com