Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM6322ACPZ-R2 Datasheet HTML 3Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 4Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 5Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 6Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 7Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 10Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
VN2
VP2
GND2
GND1
VP1
VN1
PIN 1
IDENTIFIER
VOUT2
VNFB2
SD2
SD
VNFB1
VOUT1
SSM6322
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED
PAD TO A NEGATIVE POWER PLANE (V−)
OR GROUND.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VN1
Negative Input of Channel 1 Input Stage.
2
VP1
Positive Input of Channel 1 Input Stage.
3
GND1
Ground 1.
4
GND2
Ground 2.
5
VP2
Positive Input of Channel 2 Input Stage.
6
VN2
Negative Input of Channel 2 Input Stage.
7
GAIN2
Output of Channel 2 Input Stage.
9
FILT2
Positive Input of Channel 2 Output Stage.
9
REF2
Input Common-Mode Voltage of Channel 2 Input Stage.
10
GND3
Ground 3.
11
VEE2
Negative Supply 2. This pin is internally shorted to Pin 20.
12
VCC2
Positive Supply 2. This pin is internally shorted to Pin 19.
13
VOUT2
Output of Channel 2 Output Stage.
14
VNFB2
Negative Feedback of Channel 2 Output Stage.
15
SD2
Shuts Down Power for the Entire Device. This pin is referenced to ground.
16
SD
Shuts Down Power for the Output Stage. This pin is referenced to ground.
17
VNFB1
Negative Feedback of Channel 1 Output Stage.
18
VOUT1
Output of Channel 1 Output Stage.
19
VCC1
Positive Supply 1. This pin is internally shorted to Pin 12.
20
VEE1
Negative Supply 1. This pin is internally shorted to Pin 11.
21
GND4
Ground 4.
22
REF1
Input Common-Mode Voltage of Channel 1 Input Stage.
23
FILT1
Positive Input of Channel 1 Output Stage.
24
GAIN1
Output of Channel 1 Input Stage.
EPAD
Exposed Pad. Connect the exposed pad to a negative power plane (V−) or ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com