Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM6322ACPZ-R2 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 16Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 17Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 18Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 19Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 17 of 20
Assuming there is no common-mode control (see Figure 40),
the signals at the input terminals (VP2/VN2) are ac signals that
have the same amplitude and phase. In addition, the internal
voltage source of the DAC is differential, which makes the
voltage drop at RS1 and RS2 different values. This difference
degrades the performance of the DAC. Simultaneously, from the
amplifier, the ac common-mode signal at two input terminals (VP2
and VN2) generates additional error signal at the output by its
limited ac common-mode rejection ratio (CMRR) performance.
After a common-mode control circuit (indicated by the dashed
outline shown in Figure 42) is included, the signal at the input
terminals (VP2 and VN2) is a dc signal set by the voltage at the
REF2 pin (typically this voltage is the same as the dc common-
mode voltage of the DAC). The voltage drop at RS1 and RS2 in
the DAC is the same. Additionally, the high dc CMRR performance
of the amplifier renders the CMRR error negligible. Both the
DAC and the amplifier have the best performance in this
configuration. The SSM6322 implements the circuit shown
in Figure 42.
RG
RS1
RS2
RF
SSM6322
INPUT
REF2
AUDIO
DAC
GND2
VEE2 VCC2
GAIN2
VP2
VN2
9
4
5
6
11
12
7
Figure 42. Common-Mode Circuit with Common-Mode Control
CAPACITIVE LOAD DRIVE
Figure 43 shows the schematic of the output stage for driving
capacitive loads. Figure 44 and Figure 45 show the frequency
response for a gain of 1 at the ±5 V and ±3.3 V power supply
voltages, respectively. The peaking is high with a small
capacitive load. With a 2.2 nF capacitive load (CL), the
frequency response is flat and without peaking.
499Ω
10Ω
600Ω
VOUT RSERIES
VLOAD
CL
Figure 43. Schematic for Driving Capacitive Loads
20
10
0
–10
–20
–30
–40
–50
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±5V
VSD = 5V
AV = 1
RL = 600Ω
CL2 = 330pF
CL2 = 470pF
CL2 = 1nF
CL2 = 2.2nF
Figure 44. Frequency Response for Driving Capacitive Loads, VSY = ±5 V
20
10
0
–10
–20
–30
–40
–50
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±3.3V
VSD = 3.3V
AV = 1
RL = 600Ω
CL2 = 330pF
CL2 = 470pF
CL2 = 1nF
CL2 = 2.2nF
Figure 45. Frequency Response for Driving Capacitive Loads, VSY = ±3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com